Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9211 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9211
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9211 Datasheet HTML 12Page - Analog Devices AD9211 Datasheet HTML 13Page - Analog Devices AD9211 Datasheet HTML 14Page - Analog Devices AD9211 Datasheet HTML 15Page - Analog Devices AD9211 Datasheet HTML 16Page - Analog Devices AD9211 Datasheet HTML 17Page - Analog Devices AD9211 Datasheet HTML 18Page - Analog Devices AD9211 Datasheet HTML 19Page - Analog Devices AD9211 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD9211
Rev. 0 | Page 15 of 28
OUTPUT CODE
0.25
–0.25
01024
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
256
512
768
OUTPUT CODE
Figure 18. AD9211-250 INL; 250 MSPS
0.5
–0.5
01024
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
256
512
768
FREQUENCY (MHz)
Figure 19. AD9211-250 DNL; 250 MSPS
0
–120
0150
–20
–40
–60
–80
–100
25
50
75
100
125
300MSPS
10.3MHz @ –1.0dBFS
SNR: 59.2dB
ENOB: 9.7BITS
SFDR: 80dBc
0
–120
0150
FREQUENCY (MHz)
300MSPS
70.3MHz @ –1.0dBFS
SNR: 59.1dB
ENOB: 9.7BITS
SFDR: 80dBc
–20
–40
–60
–80
–100
25
50
75
100
125
0
–120
0150
FREQUENCY (MHz)
Figure 20. AD9211-300 64k Point Single-Tone FFT; 300 MSPS, 10.3 MHz
Figure 21. AD9211-300 64k Point Single-Tone FFT; 300 MSPS, 70.3 MHz
300MSPS
170.3MHz @ –1.0dBFS
SNR: 58.7dB
ENOB: 9.7BITS
SFDR: 80dBc
–20
–40
–60
–80
–100
25
50
75
100
125
95
55
0180
FREQUENCY (MHz)
Figure 22. AD9211-300 64k Point Single-Tone FFT; 300 MSPS, 170.3 MHz
90
85
80
75
70
65
60
SNR (dB)
SFDR
20
40
60
80
100
120
140
160
Figure 23. AD9211-300 Single-Tone SNR/SFDR vs. Input Frequency (fIN) with
1.25 V p-p Full Scale; 300 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com