Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9601 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9601
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9601 Datasheet HTML 25Page - Analog Devices AD9601 Datasheet HTML 26Page - Analog Devices AD9601 Datasheet HTML 27Page - Analog Devices AD9601 Datasheet HTML 28Page - Analog Devices AD9601 Datasheet HTML 29Page - Analog Devices AD9601 Datasheet HTML 30Page - Analog Devices AD9601 Datasheet HTML 31Page - Analog Devices AD9601 Datasheet HTML 32Page - Analog Devices AD9601 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AD9601
Rev. 0 | Page 28 of 32
Figure 48. AD9601 Evaluation Board Schematic Page 4
Table 13. Bill of Materials
Qty
Reference
Designator
Package
Description
Vendor
Part Number
1
PCB
PCB, AD9230 customer evaluation board, Rev. G
Moog
AD9230revG
7
C1, C3, C4, C5,
C6, C7, C10
603
Capacitor, 1 μF, 0603, X5R, ceramic, 6.3 V, 10%
Panasonic
ECJ-1VB0J105K
6
C8, C9, C11,
C12, C14, C55
6032-28
Capacitor, 10 μF, tantalum, 16 V, 10%
Kemet
T491C106K016AS
1
C17
402
Capacitor, 2.0 pF, 50 V, ceramic, 0402, SMD
Murata
GRM1555C1H2R0GZ01D
7
C27, C32, C33,
C62, C63, C64,
C71
402
Capacitor, 0.33 μF, ceramic, X5R, 10 V, 10%
Murata
GRM155R61A334KE15D
6
C28, C29, C30,
C31, C65, C70
402
Capacitor, 120 pF, ceramic, C0G, 25 V, 5%
Murata
GRM1555C1H121JA01J
10
C21, C22, C23,
C24, C25, C26,
C34, C35, C36,
C39
402
Capacitor, 0.1 μF, ceramic, X5R, 10 V, 10%
Murata
GRM155R71C104KA88D
1
CR4
603
LED green, SMT, 0603, SS-TYPE
Panasonic
LNJ314G8TRA
1
CR2
Mini 3P
Diode, 30 V, 20 mA
Agilent
HSMS2812
1
F1
1210
Fuse, 6.0 V, 2.2 A trip current resettable fuse
Tyco/Raychem
NANOSMDC110F-2
15
E1, E2, E3, E4,
E5, E7, E8, E9,
E10, E12, E13,
E14, E31, E32,
E33
Connector, header, 0.1"
Samtec
TSW-150-08-G-S
2
J2, J3
SMA end
launch
Connector, SMA PCB coax end launch, Johnson
142
Johnson
142-0701-851
10
L2, L3, L4, L5,
L7, L12, L13,
L14, L15, R88
1206
Ferrite bead, BLM, 3 A, 50 Ω @ 100 MHz
Murata
BLM31PG500SN1L
1
P8
Power jack, male, 2.1 mm power jack dc
CUI Inc
CP-102A-ND
1
R1
201
Resistor, 100 Ω, 0201, 1/20 W, 1%
NIC Components
NRC02F1000TRF
1
R2
603
Resistor, 499 Ω, 0603, 1/10 W, 1%
NIC Components
NRC06F4990TRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com