Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9255-80EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9255-80EBZ
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9255-80EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9255-80EBZ Datasheet HTML 35Page - Analog Devices AD9255-80EBZ Datasheet HTML 36Page - Analog Devices AD9255-80EBZ Datasheet HTML 37Page - Analog Devices AD9255-80EBZ Datasheet HTML 38Page - Analog Devices AD9255-80EBZ Datasheet HTML 39Page - Analog Devices AD9255-80EBZ Datasheet HTML 40Page - Analog Devices AD9255-80EBZ Datasheet HTML 41Page - Analog Devices AD9255-80EBZ Datasheet HTML 42Page - Analog Devices AD9255-80EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AD9255
Data Sheet
Rev. C | Page 38 of 44
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Default Notes/
Comments
0x14
Output
mode
Drive
strength
Output
type
Open
Output
enable
bar
Open
Output
invert
Output
format
0x00
Configures the
outputs and
the format of
the data
0 = ANSI
LVDS
0 =
CMOS
00 = offset
binary
1 = reduced
LVDS
1 = LVDS
01 = twos
complement
01 = gray code
11 = offset binary
0x16
Clock phase
control
Invert DCO
clock
Open
Open
Open
Open
Input clock divider phase adjust
0x00
Allows
selection of
clock delays
into the input
clock divider
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
0x17
DCO output
delay
Open
Open
Open
DCO clock delay
0x00
(delay = 2500 ps × register value/31)
00000 = 0 ps
00001 = 81 ps
00010 = 161 ps
…
11110 = 2419 ps
11111 = 2500 ps
0x18
VREF select
Reference voltage
selection
Open
Open
Open
Open
Open
Open
0xC0
00 = 1.25 V p-p
01 = 1.5 V p-p
10 = 1.75 V p-p
11 = 2.0 V p-p (default)
0x24
BIST
signature LSB
BIST Signature[7:0]
0x00
Read only
0x25
BIST
signature
MSB
BIST Signature[15:8]
0x00
Read only
0x30
Dither
enable
Open
Open
Open
Dither
enable
Open
Open
Open
Open
0x00
Digital Feature Control Register
0x100
Sync control
Open
Open
Open
Open
Open
Clock
divider
next sync
only
Clock
divider
sync
enable
Master
sync
enable
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com