Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9640-80EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9640-80EBZ
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640-80EBZ Datasheet(HTML) 2 Page - Analog Devices

  AD9640-80EBZ Datasheet HTML 1Page - Analog Devices AD9640-80EBZ Datasheet HTML 2Page - Analog Devices AD9640-80EBZ Datasheet HTML 3Page - Analog Devices AD9640-80EBZ Datasheet HTML 4Page - Analog Devices AD9640-80EBZ Datasheet HTML 5Page - Analog Devices AD9640-80EBZ Datasheet HTML 6Page - Analog Devices AD9640-80EBZ Datasheet HTML 7Page - Analog Devices AD9640-80EBZ Datasheet HTML 8Page - Analog Devices AD9640-80EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
AD9640* PRODUCT PAGE QUICK LINKS
Last Content Update: 03/25/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9640 Evaluation Board
DOCUMENTATION
Application Notes
• AN-1142: Techniques for High Speed ADC PCB Layout
• AN-1234: Interfacing the ADL5534 Dual IF Gain Block to
the AD9640 High Speed ADC
• AN-282: Fundamentals of Sampled Data Systems
• AN-345: Grounding for Low-and-High-Frequency Circuits
• AN-715: A First Approach to IBIS Models: What They Are
and How They Are Generated
• AN-737: How ADIsimADC Models an ADC
• AN-741: Little Known Characteristics of Phase Noise
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-756: Sampled Systems and the Effects of Clock Phase
Noise and Jitter
• AN-807: Multicarrier WCDMA Feasibility
• AN-808: Multicarrier CDMA2000 Feasibility
• AN-812: MicroController-Based Serial Port Interface (SPI)
Boot Circuit
• AN-827: A Resonant Approach to Interfacing Amplifiers to
Switched-Capacitor ADCs
• AN-835: Understanding High Speed ADC Testing and
Evaluation
• AN-851: A WiMax Double Downconversion IF Sampling
Receiver Design
• AN-878: High Speed ADC SPI Control Software
• AN-905: Visual Analog Converter Evaluation Tool Version
1.0 User Manual
• AN-935: Designing an ADC Transformer-Coupled Front
End
Data Sheet
• AD9640: 14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-
to-Digital Converter Data Sheet
Product Highlight
• Leading Inside Advertorials: Data Converter Function Can
Help Solve Cost and Size Design Challenges in 3G and 4G
Wireless Infrastructure
TOOLS AND SIMULATIONS
• Visual Analog
• AD9640 IBIS Models
• AD9627/AD9640 S-Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com