Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2CC810OC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2CC810OC
Description  1:10 Clock Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC810OC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2CC810OC Datasheet HTML 1Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 2Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 3Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 4Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 5Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 6Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
COMLINK™ SERIES
CY2CC810
Document #: 38-07056 Rev. *C
Page 7 of 7
Document History Page
Document Title: CY2CC810 1:10 Clock Fanout Buffer
Document #: 38-07056
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
107081
06/07/01
IKA
Convert from IMI to Cypress
*A
114315
05/09/02
TSM
∆ I
DD Validation
*B
119117
10/07/02
RGL
Added 5.8 as the Max. value of VIH in the DC Electrical Characteristics
@3.3V table.
Changed the Max. value of VIH from 1.8 to 5.0 in the DC Electrical Charac-
teristics @2.5V table.
*C
122743
12/14/02
RBI
Added power up requirements to maximum ratings information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com