Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29949AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29949AI
Description  2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29949AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29949AI Datasheet HTML 1Page - Cypress Semiconductor CY29949AI Datasheet HTML 2Page - Cypress Semiconductor CY29949AI Datasheet HTML 3Page - Cypress Semiconductor CY29949AI Datasheet HTML 4Page - Cypress Semiconductor CY29949AI Datasheet HTML 5Page - Cypress Semiconductor CY29949AI Datasheet HTML 6Page - Cypress Semiconductor CY29949AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
CY29949
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07289 Rev. *D
Revised November 6, 2003
Features
• 2.5V or 3.3V operation
• 200-MHz clock support
• LVPECL or LVCMOS/LVTTL clock input
• LVCMOS-/LVTTL-compatible outputs
• 15 clock outputs: drive up to 30 clock lines
• 1X and 1/2X configurable outputs
• Output three-state control
• 350 ps max. output-to-output skew
• Pin compatible with MPC949, MPC9449
• Available in Commercial and Industrial temp. range
• 52-pin TQFP package
Description
The CY29949 is a low-voltage 200-MHz clock distribution
buffer with the capability to select either a differential LVPECL
or LVCMOS/LVTTL compatible input clocks. These clock
sources can be used to provide for test clocks as well as the
primary
system
clocks.
All
other
control
inputs
are
LVCMOS/LVTTL compatible. The 15 outputs are LVCMOS or
LVTTL compatible and can drive 50
Ω series or parallel termi-
nated transmission lines. For series terminated transmission
lines, each output can drive one or two traces giving the device
an effective fanout of 1:30.
The CY29949 is capable of generating 1X and 1/2X signals
from a 1X source. These signals are generated and retimed
internally to ensure minimal skew between the 1X and 1/2X
signals. SEL(A:D) inputs allow flexibility in selecting the ratio
of 1X to1/2X outputs.
The CY29949 outputs can also be three-stated via the
MR/OE# input. When MR/OE# is set HIGH, it resets the
internal flip-flops and three-states the outputs.
Block Diagram
Pin Configuration
MR/OE#
TCLK_SEL
VDD
TCLK0
TCLK1
PECL_CLK
PECL_CLK#
PCLK_SEL
DSELA
DSELB
DSELC
DSELD
VSS
NC
VSS
QC0
VDDC
QC1
VSS
QC2
VDDC
QC3
VSS
VSS
QD5
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
CY29949
0
1
1
2
0
1
1
2
0
1
0
1
DSELA
DSELB
DSELC
DSELD
MR/OE#
1
2
1
2
0
1
0
1
2
3
4
6
QA(0:1)
QB(0:2)
QC(0:3)
QD(0:5)
PECL_SEL
TCLK_SEL
PECL_CLK
PECL_CLK#
R
R
R
R


Similar Part No. - CY29949AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29949AXC CYPRESS-CY29949AXC Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949AXCT CYPRESS-CY29949AXCT Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949AXI CYPRESS-CY29949AXI Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949AXIT CYPRESS-CY29949AXIT Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results

Similar Description - CY29949AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com