Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

140RTM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 140RTM
Description  Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140RTM Datasheet(HTML) 3 Page - Vishay Siliconix

  140RTM Datasheet HTML 1Page - Vishay Siliconix 140RTM Datasheet HTML 2Page - Vishay Siliconix 140RTM Datasheet HTML 3Page - Vishay Siliconix 140RTM Datasheet HTML 4Page - Vishay Siliconix 140RTM Datasheet HTML 5Page - Vishay Siliconix 140RTM Datasheet HTML 6Page - Vishay Siliconix 140RTM Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
140 RTM
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
3
Document Number: 28322
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 140 series
220 μF / 25 V; ± 20 %
Nominal case size: Ø 10 mm x 16 mm; form TFA
Ordering code: MAL214036221E3
Former 12NC: 2222 140 36221
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 125 °C
IL1
Max. leakage current after 1 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
125 °C
(mA)
IL1
1 min
(μA)
tan
100 Hz
Z
100 kHz
+ 20 °C
(
)
Z
100 kHz
- 40 °C
(
)
ORDERING CODE
MAL2140 .....
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
6.3
1200
10 x 16
760
79
0.28
0.150
1.10
53122E3
63122E3
33122E3
2200
10 x 20
850
142
0.28
0.120
0.85
53222E3
63222E3
33222E3
10
330
10 x 12
480
36
0.20
0.200
1.40
54331E3
64331E3
34331E3
470
10 x 16
760
50
0.20
0.150
1.10
54471E3
64471E3
34471E3
1000
10 x 20
850
103
0.20
0.120
0.85
54102E3
64102E3
34102E3
2200
12.5 x 25
1400
223
0.24
0.050
0.40
94225E3
94226E3
94223E3
2200
16 x 20
1400
223
0.24
0.050
0.40
54222E3
64222E3
34222E3
3300
16 x 25
1900
333
0.24
0.034
0.25
54332E3
64332E3
34332E3
4700
16 x 31
2200
473
0.24
0.030
0.20
54472E3
64472E3
34472E3
16
220
10 x 12
480
38
0.16
0.200
1.40
55221E3
65221E3
35221E3
330
10 x 16
760
56
0.16
0.150
1.10
55331E3
65331E3
35331E3
470
10 x 16
760
78
0.16
0.150
1.10
55471E3
65471E3
35471E3
1000
12.5 x 20
1200
163
0.16
0.073
0.50
55102E3
65102E3
35102E3
2200
16 x 25
1900
355
0.18
0.034
0.25
55222E3
65222E3
35222E3
3300
16 x 31
2200
531
0.18
0.030
0.20
55332E3
65332E3
35332E3
4700
18 x 31
2200
755
0.18
0.030
0.20
55472E3
65472E3
-
25
220
10 x 16
750
58
0.14
0.150
1.10
56221E3
66221E3
36221E3
330
10 x 20
850
86
0.14
0.120
0.85
56331E3
66331E3
36331E3
470
10 x 20
850
121
0.14
0.120
0.85
56471E3
66471E3
36471E3
1000
12.5 x 25
1400
253
0.14
0.050
0.40
96105E3
96106E3
96103E3
1000
16 x 20
1400
253
0.14
0.050
0.40
56102E3
66102E3
36102E3
2200
16 x 31
2200
553
0.16
0.030
0.20
56222E3
66222E3
36222E3
3300
18 x 31
2200
828
0.16
0.030
0.20
56332E3
66332E3
-
35
100
10 x 12
480
38
0.12
0.200
1.40
50101E3
60101E3
30101E3
220
10 x 16
760
80
0.12
0.150
1.10
50221E3
60221E3
30221E3
470
12.5 x 20
1200
168
0.12
0.073
0.50
50471E3
60471E3
30471E3
1000
16 x 25
1500
353
0.12
0.034
0.25
50102E3
60102E3
30102E3
2200
18 x 31
2200
773
0.14
0.030
0.20
50222E3
60222E3
-
50
47
10 x 12
300
27
0.10
0.300
2.00
51479E3
61479E3
31479E3
100
10 x 16
380
53
0.10
0.200
1.40
51101E3
61101E3
31101E3
220
12.5 x 20
580
113
0.10
0.120
0.85
51221E3
61221E3
31221E3
330
12.5 x 20
870
168
0.10
0.120
0.85
51331E3
61331E3
31331E3
470
12.5 x 25
1100
238
0.10
0.085
0.60
91475E3
91476E3
91473E3
470
16 x 20
1100
238
0.10
0.085
0.60
51471E3
61471E3
31471E3
1000
16 x 31
1700
503
0.10
0.045
0.30
51102E3
61102E3
31102E3
63
22
10 x 12
380
17
0.10
0.300
2.00
58229E3
68229E3
38229E3
47
10 x 12
380
33
0.10
0.300
2.00
58479E3
68479E3
38479E3
100
10 x 20
650
66
0.10
0.160
1.10
58101E3
68101E3
38101E3
220
16 x 20
1100
142
0.10
0.085
0.60
58221E3
68221E3
38221E3
330
16 x 20
1100
211
0.10
0.085
0.60
58331E3
68331E3
38331E3
470
16 x 25
1500
299
0.10
0.055
0.40
58471E3
68471E3
38471E3
1000
18 x 31
1800
633
0.10
0.040
0.28
58102E3
68102E3
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com