Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM0950-P29 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # APM0950-P29
Description  Medium Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APM0950-P29 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  APM0950-P29 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. APM0950-P29 Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
www.asb.co.kr
August 2017
plerowTM APM0950-P29
High OIP3
Medium Power Amplifier Module
Parameter
Unit
Specifications
Min
Typ
Max
Frequency Range
MHz
900
1000
Gain
dB
30
31
Gain Flatness
dB
 1.0
 1.2
Noise Figure
dB
6.6
7.0
Output IP3 (1)
dBm
44
47
S11 / S22 (2)
dB
-15 / -9
Output P1dB
dBm
28
29
Switching Time (3)
sec
-
Supply Current
mA
370
400
Supply Voltage
V
5
Impedance
50
Package Type & Size
mm
Surface Mount Type, 10Wx10Lx3.8H
Operating temperature is -40
C to +85C.
1) OIP3 is measured with two tones at an output power of 12 dBm / tone separated by 1 MHz.
2) S11/S22 (max) is the worst value within the frequency band.
3) Switching time means the time that takes for output power to get stabilized to its final level after switching DC voltage from 0 V to VS.
Pin Number
Function
2
RF In
5
RF Out
6
Vs
Others
Ground
Features
Note: 1. The number and size of ground via holes in
a circuit board is critical for thermal RF
grounding considerations.
2. We recommend that the ground via holes be
placed on the bottom of all ground pins for
better RF and thermal performance, as
shown in the drawing at the left side.
Description
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
More Information
1-stage Single Type
·
S21 = 32.0 dB @ 900 MHz
= 30.0 dB @ 1000 MHz
·
NF of 6.6 dB over Frequency
·
Unconditionally Stable
·
Single 5V Supply
·
High OIP3 @ Low Current
Typ. @ T = 25
C, Vs = 5 V, Freq. = 950 MHz, Zo.sys = 50 ohm
Specifications (in Production)
APM0950-P29
ASB Inc.
(Top View)
Solder Stencil Area
Ø
0.3 plated thru holes to ground plane
(Side View)
2 x Ø 2.0 plated thru holes to screw on heat sinker
(Recommended Footprint)
(Bottom View)
plerow
Outline Drawing (Unit: mm)
The plerowTM APM-Series is an internally matched
amplifier mini-module for such application band in
SMD package with the output P1dB of 29 dBm. It is
compactly designed for low current consumption and
high OIP3. Integrating all the components for biasing
and matching within the module enhances production
yield and throughput as well. It passes through the
stringent DC, RF, and reliability tests. Not sample test
but 100% quality control test is made before packing.


Similar Part No. - APM0950-P29

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APM0950-P29 ASB-APM0950-P29 Datasheet
1Mb / 5P
Medium Power Amplifier Module
February 2009
APM0950-P29 ASB-APM0950-P29_13 Datasheet
788Kb / 5P
High OIP3 Medium Power Amplifier Module
February 2009
More results

Similar Description - APM0950-P29

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APM0866-P29 ASB-APM0866-P29 Datasheet
1Mb / 5P
Medium Power Amplifier Module
February 2009
APM0923-P29 ASB-APM0923-P29 Datasheet
982Kb / 5P
Medium Power Amplifier Module
April 2009
APM0950-P29 ASB-APM0950-P29 Datasheet
1Mb / 5P
Medium Power Amplifier Module
February 2009
APM1842-P29 ASB-APM1842-P29 Datasheet
1,016Kb / 5P
Medium Power Amplifier Module
February 2009
APM2140-P29 ASB-APM2140-P29 Datasheet
1Mb / 6P
Medium Power Amplifier Module
February 2009
APM0743-P29 ASB-APM0743-P29_17 Datasheet
361Kb / 5P
Medium Power Amplifier Module
September 2017
APM0843-P29 ASB-APM0843-P29_17 Datasheet
320Kb / 5P
Medium Power Amplifier Module
September 2017
APM0923-P29 ASB-APM0923-P29_17 Datasheet
320Kb / 5P
Medium Power Amplifier Module
August 2017
APM0942-P29 ASB-APM0942-P29_17 Datasheet
359Kb / 5P
Medium Power Amplifier Module
August 2017
APM2140-P29 ASB-APM2140-P29_17 Datasheet
404Kb / 6P
Medium Power Amplifier Module
August 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com