Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

041ASH Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 041ASH
Description  Aluminum Electrolytic Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

041ASH Datasheet(HTML) 5 Page - Vishay Siliconix

  041ASH Datasheet HTML 1Page - Vishay Siliconix 041ASH Datasheet HTML 2Page - Vishay Siliconix 041ASH Datasheet HTML 3Page - Vishay Siliconix 041ASH Datasheet HTML 4Page - Vishay Siliconix 041ASH Datasheet HTML 5Page - Vishay Siliconix 041ASH Datasheet HTML 6Page - Vishay Siliconix 041ASH Datasheet HTML 7Page - Vishay Siliconix 041ASH Datasheet HTML 8Page - Vishay Siliconix 041ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
041 ASH, 042 ASH, 043 ASH
www.vishay.com
Vishay BCcomponents
Revision: 19-Sep-16
5
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 5 - Typical multiplier of capacitance as a function of ambient temperature
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 6 - Typical multiplier of ESR
as a function of ambient temperature
Fig. 7 - Typical multiplier of ESR as a function of frequency
0.8
0.9
1.0
1.1
1.2
C
0
C
- 40
- 20
0
20
40
60
80
100
T
amb (°C)
C
0 = Capacitance at 20 °C, 100 Hz
T
amb (°C)
050
100
1
10
- 50
ESR
0
ESR
10
2
10
-1
ESR
0 = Typical at 20 °C, 100 Hz
2
1
Curve 1: Case Ø D x L = 10 mm x 30 mm to 21 mm to 38 mm
Curve 2: Case Ø D x L = 8 mm x 18 mm to 10 mm to 25 mm
106
105
10
4
10
3
102
f (Hz)
ESR
0 = Typical at 20 °C, 100 Hz
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3
1
2
2
1
3
Curve 1: Case Ø D x L = 10 mm x 30 mm
Curve 2: Case Ø D x L = 21 mm x 38 mm
Curve 3: Case Ø D x L = 8 mm x 18 mm to 10 mm x 25 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com