Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLASH6_C3 Datasheet(PDF) 8 Page - ams AG

Part # FLASH6_C3
Description  ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

FLASH6_C3 Datasheet(HTML) 8 Page - ams AG

  FLASH6_C3 Datasheet HTML 1Page - ams AG FLASH6_C3 Datasheet HTML 2Page - ams AG FLASH6_C3 Datasheet HTML 3Page - ams AG FLASH6_C3 Datasheet HTML 4Page - ams AG FLASH6_C3 Datasheet HTML 5Page - ams AG FLASH6_C3 Datasheet HTML 6Page - ams AG FLASH6_C3 Datasheet HTML 7Page - ams AG FLASH6_C3 Datasheet HTML 8Page - ams AG FLASH6_C3 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet : FLASH6 - C35
Revision B, 07.09.02
Page8of9
TYPICAL APPLICATION
VIN
10uF
VSSA
100nF
15nF
1.2nF
0.47pF
VDDA
+3.3V
0.22pF
10uF
100nF
15nF
1.2nF
0.47pF
VSS
VDD
+3.3V
0.22pF
1)
2)
1)
1)
1)
1)
2.5nF
0.3nF
0.1nF
50pF
30pF
1)
2.5nF
0.3nF
1)
0.1nF
1)
50pF
1)
30pF
1)
GROUND
A
D
VREFN
VREFP
FLASH6
OVL
STROBE
CLK
PD
IBIAS
VIN
DATA<5:0>
6
3)
Configuration: Continuous Conversion at 100MS/sec
3)
63pF
1)
30uA
100MHz
2.4V
2)
0.4V
1.4V
+3.3V
+3.3V
1)
1) The value of the capacitor depends on the input frequency.
For SMD capacitors use the type NPO and for normal capacitors use the type MKT for best performance.
2) The accuracy for both reference voltages must be higher than the resolution of the ADC. In the typical application
both voltages are filtered by a second order low pass filter (fc=5Hz) and buffered with an AD711.
3) The accuracy for the input voltage must be higher than the resolution of the ADC. In the typical application
the input voltage is filtered by a seven order low pass filter (fc=32MHz) and buffered with a THS3001.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com