Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

048RML Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 048RML
Description  Aluminum Electrolytic Capacitors Radial Miniature Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

048RML Datasheet(HTML) 5 Page - Vishay Siliconix

  048RML Datasheet HTML 1Page - Vishay Siliconix 048RML Datasheet HTML 2Page - Vishay Siliconix 048RML Datasheet HTML 3Page - Vishay Siliconix 048RML Datasheet HTML 4Page - Vishay Siliconix 048RML Datasheet HTML 5Page - Vishay Siliconix 048RML Datasheet HTML 6Page - Vishay Siliconix 048RML Datasheet HTML 7Page - Vishay Siliconix 048RML Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
048 RML
www.vishay.com
Vishay BCcomponents
Revision: 28-Feb-17
5
Document Number: 28318
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IMPEDANCE (Z)
Fig. 9 - Typical multiplier of impedance
as a function of ambient temperature
Fig. 10 - Typical impedance as a function of frequency
Fig. 11 - Typical impedance as a function of frequency
Fig. 12 - Typical impedance as a function of frequency
10
2
10
1
10
-1
Z
Z
0
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (20 °C)
Z
0 = Typical impedance at 20 °C, 10 kHz
1
2
1
2
Curve 1: Case Ø D = 10 mm
Curve 2: Case Ø D = 16 mm
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
T
amb (20 °C)
10
10
2
10
3
10
4
10
5
1
2
3
4
5
6
Curve 1: 470 μF, 16 V; Ø D = 10 x 12 mm
Curve 2: 1000 μF, 10 V; Ø D = 10 x 16 mm
Curve 3: 1000 μF, 16 V; Ø D = 10 x 20 mm
Curve 4: 2200 μF, 16 V; Ø D = 12.5 x 25 mm
Curve 5: 3300 μF, 16 V; Ø D = 16 x 25 mm
Curve 6: 6800 μF, 6.3 V; Ø D = 16 x 25 mm
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
T
amb (20 °C)
10
10
2
10
3
10
4
10
5
1
2
3
4
5
6
7
Curve 1: 220 µF, 35 V; Ø D = 10 x 12 mm
Curve 2: 330 µF, 35 V; Ø D = 10 x 16 mm
Curve 3: 470 µF, 25 V; Ø D = 10 x 16 mm
Curve 4: 470 µF, 35 V; Ø D = 10 x 20 mm
Curve 5: 1000 µF, 25 V; Ø D = 12.5 x 20 mm
Curve 6: 1000 µF, 35 V; Ø D = 12.5 x 25 mm
Curve 7: 3300 µF, 25 V; Ø D = 16 x 31 mm
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
T
amb (20 °C)
10
10
2
10
3
10
4
10
5
1
2
3
4
5
6
7
8
Curve 1: 100 µF, 63 V; Ø D = 10 x 12 mm
Curve 2: 220 µF, 50 V; Ø D = 10 x 16 mm
Curve 3: 220 µF, 63 V; Ø D = 10 x 20 mm
Curve 4: 330 µF, 63 V; Ø D = 12.5 x 20 mm
Curve 5: 470 µF, 50 V; Ø D = 12.5 x 20 mm
Curve 6: 470 µF, 63 V; Ø D = 12.5 x 25 mm
Curve 7: 1000 µF, 63 V; Ø D = 16 x 31 mm
Curve 8: 1000 µF, 40 V; Ø D = 16 x 35 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com