Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

097RLP7 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 097RLP7
Description  Aluminum Electrolytic Capacitors Radial Low Profile, 7 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

097RLP7 Datasheet(HTML) 3 Page - Vishay Siliconix

  097RLP7 Datasheet HTML 1Page - Vishay Siliconix 097RLP7 Datasheet HTML 2Page - Vishay Siliconix 097RLP7 Datasheet HTML 3Page - Vishay Siliconix 097RLP7 Datasheet HTML 4Page - Vishay Siliconix 097RLP7 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
097 RLP 7
www.vishay.com
Vishay BCcomponents
Revision: 14-Feb-17
3
Document Number: 28308
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 2
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Note
• Multiplier of useful life code: CCC205
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85 °C
(mA)
IL2
2 min
(μA)
tan
120 Hz
Z
100 kHz
(
)
ORDERING CODE MAL2097.......
BULK
LONG LEADS
TAPED AMMOPACK
FORM
CA
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)
6.3
22
4 x 7
31
3
0.24
8.4
53229E6
1.5
33229E6
5.0
73229E6
2.5
47
5 x 7
47
3
0.24
4.6
53479E6
2.0
33479E6
5.0
73479E6
2.5
220
6.3 x 7
90
14
0.24
1.8
53221E6
2.5
33221E6
5.0
73221E6
2.5
10
33
5 x 7
43
4
0.20
3.7
54339E6
2.0
34339E6
5.0
74339E6
2.5
100
6.3 x 7
80
10
0.20
2.2
54101E6
2.5
34101E6
5.0
74101E6
2.5
16
10
4 x 7
25
3
0.16
10.0
55109E6
1.5
35109E6
5.0
75109E6
2.5
22
5 x 7
39
4
0.16
5.0
55229E6
2.0
35229E6
5.0
75229E6
2.5
47
6.3 x 7
59
8
0.16
3.5
55479E6
2.5
35479E6
5.0
75479E6
2.5
100
6.3 x 7
90
16
0.16
2.5
55101E6
2.5
35101E6
5.0
75101E6
2.5
25
33
6.3 x 7
53
9
0.14
2.6
56339E6
2.5
36339E6
5.0
76339E6
2.5
47
6.3 x 7
65
12
0.14
1.9
56479E6
2.5
36479E6
5.0
76479E6
2.5
35
4.7
4 x 7
20
3
0.12
10.0
50478E6
1.5
30478E6
5.0
70478E6
2.5
10
5 x 7
30
4
0.12
5.6
50109E6
2.0
30109E6
5.0
70109E6
2.5
22
6.3 x 7
47
8
0.12
3.0
50229E6
2.5
30229E6
5.0
70229E6
2.5
33
6.3 x 7
60
12
0.12
2.6
50339E6
2.5
30339E6
5.0
70339E6
2.5
50
3.3
4 x 7
18
3
0.10
14.0
51338E6
1.5
31338E6
5.0
71338E6
2.5
4.7
5 x 7
23
3
0.10
10.0
51478E6
2.0
31478E6
5.0
71478E6
2.5
10
6.3 x 7
34
5
0.10
5.5
51109E6
2.5
31109E6
5.0
71109E6
2.5
22
6.3 x 7
53
11
0.10
2.9
51229E6
2.5
31229E6
5.0
71229E6
2.5
63
0.10
4 x 7
1.3
3
0.08
170.0
58107E6
1.5
38107E6
5.0
78107E6
2.5
0.22
4 x 7
2.9
3
0.08
110.0
58227E6
1.5
38227E6
5.0
78227E6
2.5
0.47
4 x 7
7.9
3
0.08
66.0
58477E6
1.5
38477E6
5.0
78477E6
2.5
1.0
4 x 7
11
3
0.08
36.0
58108E6
1.5
38108E6
5.0
78108E6
2.5
2.2
4 x 7
17
3
0.08
19.0
58228E6
1.5
38228E6
5.0
78228E6
2.5
3.3
5 x 7
21
3
0.08
14.0
58338E6
2.0
38338E6
5.0
78338E6
2.5
4.7
6.3 x 7
26
3
0.08
10.0
58478E6
2.5
38478E6
5.0
78478E6
2.5
10
6.3 x 7
40
7
0.08
5.5
58109E6
2.5
38109E6
5.0
78109E6
2.5
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 2 min at UR
IL2  0.01 CR x UR or 3 μA (whichever is greater)
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2 f C
R
ENDURANCE TEST DURATION AND USEFUL LIFE
ENDURANCE AT 85 °C (h)
USEFUL LIFE AT 85 °C (h)
1000
1500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com