Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1200 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # LC1200
Description  1200W 120V Line Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LC1200 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  LC1200 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LC1200 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LC1200 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC Line Surge Suppression
1200 joules of surge suppression protects against potentially harmful power surges and spikes
Includes full normal (H-N) and common (N-G/H-G) line surge suppression
EMI/RFI Line Noise Filtering
Removes electromagnetic and radio frequency interference that can disrupt or damage your equipment’s performance
Built-In Diagnostics
Front-panel LEDs indicate AC power, incoming voltage level and line status
Rear on/off switch provides one-touch power control over all components
Specifications
OUTPUT
Nominal Output Voltage(s)
Supported
120V
Output Receptacles
(4) 5-15R
Output (VA)
1200
Output (Watts)
1200
INPUT
Plug Type
Right-angle NEMA 5-15P input plug
Input Cord Length (ft.)
7
Input Cord Length (m)
2.13
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
7 LEDs show incoming voltage status, protection present and line fault conditions
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
1200
EMI / RFI AC Noise Suppression
75 dB
PHYSICAL
Shipping Weight (lbs.)
8.7
Shipping Weight (kg)
4
Unit Dimensions (hwd / in.)
7.25 x 6 x 7
Unit Dimensions (hwd / cm)
18.4 x 15.2 x 17.8
Material of Construction
Plastic
Form Factors Supported
Small Tower
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com