Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75232DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # GD75232DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75232DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button GD75232DW Datasheet HTML 3Page - Texas Instruments GD75232DW Datasheet HTML 4Page - Texas Instruments GD75232DW Datasheet HTML 5Page - Texas Instruments GD75232DW Datasheet HTML 6Page - Texas Instruments GD75232DW Datasheet HTML 7Page - Texas Instruments GD75232DW Datasheet HTML 8Page - Texas Instruments GD75232DW Datasheet HTML 9Page - Texas Instruments GD75232DW Datasheet HTML 10Page - Texas Instruments GD75232DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IOS(L)
−IOS(H)
VSS
VDD
VCC
VI
VO
VDD or GND
VSS or GND
RL = 3 kΩ
Figure 1. Driver Test Circuit for VOH, VOL, IOS(H), and IOS(L)
−IIL
IIH
VSS
VI
VI
VDD
VCC
Figure 2. Driver Test Circuit for IIH and IIL
Pulse
Generator
See Note A
CL
(see Note B)
RL
3 V
0 V
Input
tPHL
tPLH
tTHL
tTLH
VOH
VOL
TEST CIRCUIT
VOLTAGE WAVEFORMS
Input
Output
VSS
NOTES: A. The pulse generator has the following characteristics: tw = 25 µs, PRR = 20 kHz, ZO = 50 Ω, tr = tf < 50 ns.
B. CL includes probe and jig capacitance.
VDD
VCC
1.5 V
1.5 V
90%
50%
10%
50%
10%
90%
Figure 3. Driver Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com