Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS606M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # LS606M
Description  600W 120V Power Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LS606M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  LS606M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LS606M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LS606M Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
600W 120V Power Conditioner with Automatic
Voltage Regulation (AVR), AC Surge Protection, 6
Outlets
MODEL NUMBER: LS606M
Description
The LS606M 600W 120V Power Conditioner adjusts under- and overvoltages to provide safe, computer-grade AC power that meets ANSI C84.1
specifications. Built-in automatic voltage regulation (AVR) offers two levels of voltage stabilization that correct undervoltages as low as 85V and overvoltages
as high as 147V back to regulated 120V nominal power. Providing optimum voltage conditions not only extends the life of your equipment, but also keeps your
equipment working through brownouts and prolonged overvoltage conditions.
A network-grade 720-joule surge suppression rating conforms to the IEEE-587 standard for surge suppression and prevents spikes from inflicting damage, data
loss or corruption and audio/video performance problems on your connected equipment. EMI/RFI noise filtering protects your AC line from disruptive
electromagnetic and radio interference.
Just connect the NEMA 5-15P plug with 6-foot cord to an AC power source, and plug up to six devices into the rear NEMA 5-15R outlets. You can monitor
boost, trim and normal AVR operation using the three diagnostic LEDs on the front panel. The compact LS606M fits comfortably into your computer or home
theater setup.
Features
Protects Valuable Electronics
Rated at 120V/600W/5A
Ideal for computers, routers, modems, printers, home theater components and point-of-sale equipment
Connect up to 6 electronic devices to the rear NEMA 5-15R outlets
Compact unit (5.5 in. high) fits comfortably into your computer or home theater setup
Automatic Voltage Regulation (AVR)
Monitors incoming AC power and keeps equipment working through brownouts and prolonged overvoltage conditions
Corrects undervoltages as low as 85V and overvoltages up to 147V
Boosts input voltages below 102V by 13.4%
Highlights
Ideal for computers, routers,
modems and home theater
components
Corrects under- and overvoltages
in 85V–147V range
Protects against spikes with 720
joules of surge suppression
Monitors power status with
front-panel diagnostic LEDs
Features 6 NEMA 5-15R rear
outlets
Package Includes
LS606M 600W 120V Power
Conditioner
Owner’s Manual
1 / 3


Similar Part No. - LS606M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
More results

Similar Description - LS606M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
600W 230V AVR Line Conditioner, Power Conditioner
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
logo
List of Unclassifed Man...
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
600W600W 2/3U Redundant Power Supply.
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
600W600W Mini Redundant Power Supply
logo
Tripp Lite. All Rights ...
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
1200W 120V Line Conditioner
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
1800W 120V Power Conditioner
LC2400 TRIPPLITE-LC2400 Datasheet
493Kb / 3P
2400W 120V Power Conditioner
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
2400W 120V 3U Rack-Mount Power Conditioner
LS604WM TRIPPLITE-LS604WM Datasheet
454Kb / 3P
600W 120V Wall-Mount Power Conditioner
logo
ETA-USA
FHGSX-U1 ETA-USA-FHGSX-U1 Datasheet
1Mb / 5P
600W Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com