Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICPL4502 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICPL4502
Description  HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICPL4502 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICPL4502 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICPL4502 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICPL4502 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICPL4502 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DB91008-AAS/A2
7/12/00
FIG. 2 TEST CIRCUIT FOR TRANSIENT IMMUNITY AND TYPICAL WAVEFORMS
1
3
4
+
-
A
PULSE GEN.
V
CM
0V
V
CM
I
F
V
FF
5V
5V
V
OL
V
O
V
O
SWITCH AT A: I
F = 0mA
SWITCH AT B: I
F = 16mA
10V
10%
90%
10%
90%
t
r
t
f
B
8
7
6
5
2
R
L
V
O
Logic High Output Current vs.
Ambient Temperature
1
2
5
10
20
50
0.9
1.0
1.1
1.2
1.3
Normalized Current Transfer
Ratio vs. Forward Current
Forward current I
F (mA)
0.8
0.7
0.7
0.8
0.9
Normalized Current Transfer
Ratio vs. Ambient Temperature
Ambient temperature T
A ( °C )
-55
-25
0
25
50
75
100
-25
0
25
50
70
Ambient temperature T
A ( °C )
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Normalized
to I
F = 16mA
V
O = 0.4V
V
CC = 5V
T
A = 25°C
1.0
1.1
1.2
1.3
-55
-25
0
25
50
75
100
Ambient temperature T
A ( °C )
I
F = 0mA
V
O = VCC = 5V
10-1
100
101
10-2
10-3
t
PLH
t
PHL
1.4
1.5
Normalized Propagation Delay
vs. Ambient Temperature
Normalized
to I
F = 16mA
V
O = 0.4V
V
CC = 5V
T
A = 25°C
Normalized
to I
F = 16mA
V
CC = 5V
R
L = 4.1kΩ
T
A = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com