Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9236 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9236
Description  12-Bit, 80 MSPS, 3 V A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236 Datasheet(HTML) 1 Page - Analog Devices

  AD9236 Datasheet HTML 1Page - Analog Devices AD9236 Datasheet HTML 2Page - Analog Devices AD9236 Datasheet HTML 3Page - Analog Devices AD9236 Datasheet HTML 4Page - Analog Devices AD9236 Datasheet HTML 5Page - Analog Devices AD9236 Datasheet HTML 6Page - Analog Devices AD9236 Datasheet HTML 7Page - Analog Devices AD9236 Datasheet HTML 8Page - Analog Devices AD9236 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
12-Bit, 80 MSPS, 3 V A/D Converter
Data Sheet
AD9236
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single 3 V supply operation (2.7 V to 3.6 V)
SNR = 70.4 dBc to Nyquist
SFDR = 87.8 dBc to Nyquist
Low power: 366 mW
Differential input with 500 MHz bandwidth
On-chip reference and sample-and-hold
DNL = ±0.4 LSB
Flexible analog input: 1 V p-p to 2 V p-p range
Offset binary or twos complement data format
Clock duty cycle stabilizer
APPLICATIONS
High end medical imaging equipment
IF sampling in communications receivers
WCDMA, CDMA-One, CDMA-2000
Battery-powered instruments
Hand-held scopemeters
Low cost digital oscilloscopes
DTV subsystems
GENERAL DESCRIPTION
The AD9236 is a monolithic, single 3 V supply, 12-bit, 80 MSPS
analog-to-digital converter featuring a high performance sample-
and-hold amplifier (SHA) and voltage reference. The AD9236
uses a multistage differential pipelined architecture with output
error correction logic to provide 12-bit accuracy at 80 MSPS
and guarantee no missing codes over the full operating
temperature range.
The wide bandwidth, truly differential SHA allows a variety of
user-selectable input ranges and common modes, including
single-ended applications. It is suitable for multiplexed systems
that switch full-scale voltage levels in successive channels and
for sampling single-channel inputs at frequencies well beyond
the Nyquist rate. Combined with power and cost savings over
previously available analog-to-digital converters, the AD9236 is
suitable for applications in communications, imaging, and
medical ultrasound.
A single-ended clock input is used to control all internal
conversion cycles. A duty cycle stabilizer (DCS) compensates
for wide variations in the clock duty cycle while maintaining
excellent overall ADC performance. The digital output data is
FUNCTIONAL BLOCK DIAGRAM
03066-0-001
DRVDD
AVDD
AGND
0.5V
CLK
PDWN
MODE DGND
OTR
VIN+
VIN–
REFT
REFB
AD9236
VREF
SENSE
SHA
A/D
MDAC1
4
16
12
3
A/D
8-STAGE
1 1/2-BIT PIPELINE
REF
SELECT
CLOCK
DUTY CYCLE
STABILIZER
MODE
SELECT
CORRECTION LOGIC
OUTPUT BUFFERS
D11 (MSB)
D0 (LSB)
Figure 1.
presented in straight binary or twos complement formats. An
out-of-range (OTR) signal indicates an overflow condition that
can be used with the most significant bit to determine low or
high overflow. Fabricated on an advanced CMOS process, the
AD9236 is available in a 28-lead TSSOP and a 32-lead LFCSP
and is specified over the industrial temperature range
(−40°C to +85°C).
PRODUCT HIGHLIGHTS
1. The AD9236 operates from a single 3 V power supply and
features a separate digital output driver supply to
accommodate 2.5 V and 3.3 V logic families.
2. Operating at 80 MSPS, the AD9236 consumes a low 366 mW.
3. The patented SHA input maintains excellent performance for
input frequencies up to 100 MHz, and can be configured for
single-ended or differential operation.
4. The AD9236 is pin compatible with the AD9215, AD9235,
and AD9245. This allows a simplified migration from 10 bits
to 14 bits and 20 MSPS to 80 MSPS.
5. The DCS maintains overall ADC performance over a wide
range of clock pulse widths.
6. The OTR output bit indicates when the signal is beyond the
selected input range.


Similar Part No. - AD9236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236 Datasheet
1Mb / 36P
12-Bit, 80 MSPS, 3 V A/D Converter
1/06-Rev. A to Rev. B
AD9236BCP-80 AD-AD9236BCP-80 Datasheet
1Mb / 36P
12-Bit, 80 MSPS, 3 V A/D Converter
1/06-Rev. A to Rev. B
AD9236BCP-80EB AD-AD9236BCP-80EB Datasheet
1Mb / 36P
12-Bit, 80 MSPS, 3 V A/D Converter
1/06-Rev. A to Rev. B
AD9236BCP-80EB AD-AD9236BCP-80EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9236BCPRL7-80 AD-AD9236BCPRL7-80 Datasheet
1Mb / 36P
12-Bit, 80 MSPS, 3 V A/D Converter
1/06-Rev. A to Rev. B
More results

Similar Description - AD9236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9236 AD-AD9236 Datasheet
1Mb / 36P
12-Bit, 80 MSPS, 3 V A/D Converter
1/06-Rev. A to Rev. B
AD9245 AD-AD9245 Datasheet
881Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
1/06-Rev. C to Rev. D
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com