Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9237 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9237
Description  3 V Low Power A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9237_17 Datasheet HTML 2Page - Analog Devices AD9237_17 Datasheet HTML 3Page - Analog Devices AD9237_17 Datasheet HTML 4Page - Analog Devices AD9237_17 Datasheet HTML 5Page - Analog Devices AD9237_17 Datasheet HTML 6Page - Analog Devices AD9237_17 Datasheet HTML 7Page - Analog Devices AD9237_17 Datasheet HTML 8Page - Analog Devices AD9237_17 Datasheet HTML 9Page - Analog Devices AD9237_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD9237
Rev. C | Page 5 of 24
AD9237BCP-20
AD9237BCP-40
AD9237BCP-65
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fINPUT = 2.4 MHz
88.0
83.5
85.5
dBc
fINPUT = 9.7 MHz
72.4
87.5
dBc
fINPUT = 19.6 MHz
72.2
82.4
dBc
fINPUT = 34.2 MHz
69.4
80.1
dBc
fINPUT = 70 MHz
80.5
77.9
74.9
dBc
WORST HARMONIC (SECOND OR THIRD)
fINPUT = 2.4 MHz
−88.0
−83.5
−85.5
dBc
fINPUT = 9.7 MHz
−72.4
−87.5
dBc
fINPUT = 19.6 MHz
−72.2
−82.4
dBc
fINPUT = 34.2 MHz
−69.4
−80.1
dBc
fINPUT = 70 MHz
−80.5
−77.9
−74.9
dBc
WORST OTHER SPUR
fINPUT = 2.4 MHz
−90
−90
−90
dBc
fINPUT = 9.7 MHz
−73.4
−90
dBc
fINPUT = 19.6 MHz
−73.1
−90
dBc
fINPUT = 34.2 MHz
−72.0
−90
dBc
fINPUT = 70 MHz
−90
−90
−90
dBc
SWITCHING SPECIFICATIONS
Table 4.
AD9237BCP-20
AD9237BCP-40
AD9237BCP-65
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLK INPUT PARAMETERS
Maximum Conversion Rate
20
40
65
MSPS
Minimum Conversion Rate
1
1
1
MSPS
CLK Period
50.0
25.0
15.4
ns
CLK Pulse Width High1
15.0
8.8
6.2
ns
CLK Pulse Width Low1
15.0
8.8
6.2
ns
DATA OUTPUT PARAMETERS
Output Delay (tPD)2
3.5
3.5
3.5
ns
Pipeline Delay (Latency)
9
9
9
Cycles
Output Enable Time
6
6
6
ns
Output Disable Time
3
3
3
ns
Aperture Delay (tA)
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
0.5
0.5
0.5
ps rms
Wake-Up Time (Sleep Mode)3
3.0
3.0
3.0
ms
Wake-Up Time (Standby Mode)3
3.0
3.0
3.0
µs
OUT-OF-RANGE RECOVERY TIME
1
1
2
Cycles
1
With duty cycle stabilizer enabled.
2
Output delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load on each output.
3
Wake-up time is dependent on value of decoupling capacitors; typical values shown with 0.1 µF and 10 µF capacitors on REFT and REFB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com