Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9445 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9445 Datasheet HTML 17Page - Analog Devices AD9445 Datasheet HTML 18Page - Analog Devices AD9445 Datasheet HTML 19Page - Analog Devices AD9445 Datasheet HTML 20Page - Analog Devices AD9445 Datasheet HTML 21Page - Analog Devices AD9445 Datasheet HTML 22Page - Analog Devices AD9445 Datasheet HTML 23Page - Analog Devices AD9445 Datasheet HTML 24Page - Analog Devices AD9445 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9445
Rev. 0 | Page 20 of 40
0
–140
–130
0
54.500
FREQUENCY (MHz)
125MSPS
30.3MHz @ –7.0dBFS
31.3MHz @ –7.0dBFS
SFDR = 102dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.625
27.250
40.875
0
–120
–100
0
FUNDAMENTAL LEVEL (dB)
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
Figure 36. AD9445-125 64k Point Two-Tone FFT/
125 MSPS/30.3 MHz, 31.3 MHz
Figure 39. AD9445-125 Two-Tone SFDR vs. Analog Input Level
125 MSPS/170.3 MHz, 171.3 MHz
0
–120
–100
0
FUNDAMENTAL LEVEL (dB)
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
0
–140
–130
0
FREQUENCY (MHz)
105MSPS
30.3MHz @ –7.0dBFS
31.3MHz @ –7.0dBFS
SFDR = 102dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
52.500
13.125
26.250
39.375
Figure 37. AD9445-125 Two-Tone SFDR vs. Analog Input Level
125 MSPS/30.3 MHz, 31.3 MHz
Figure 40. AD9445-105 64k Point Two-Tone FFT/105 MSPS/30.3 MHz, 31.3 MHz
0
–140
–130
0
54.500
FREQUENCY (MHz)
125MSPS
170.3MHz @ –7.0dBFS
171.3MHz @ –7.0dBFS
SFDR = 91dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
13.625
27.250
40.875
0
–120
–100
0
FUNDAMENTAL LEVEL (dB)
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
Figure 38. AD9445-125 64k Point Two-Tone FFT/
125 MSPS/170.3 MHz, 171.3 MHz
Figure 41. AD9445-105 Two-Tone SFDR vs. Analog Input Level
105 MSPS/30.3 MHz, 31.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com