Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9480-LVDS/PCB3 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9480-LVDS/PCB3
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480-LVDS/PCB3 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9480-LVDS/PCB3 Datasheet HTML 4Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 5Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 6Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 7Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 8Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 9Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 10Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 11Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD9480
Rev. A | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Thermal impedance (θJA) = 46.4°C/W (4-layer PCB).
Table 5.
Parameter
Min Rating
Max Rating
ELECTRICAL
AVDD
(With Respect to AGND)
−0.5 V
+4.0 V
DRVDD
(With Respect to DRGND)
−0.5 V
+4.0 V
AGND
(With Respect to DRGND)
−0.5 V
+0.5 V
Digital I/O
(With Respect to DRGND)
−0.5 V
DRVDD + 0.5 V
Analog Inputs
(With Respect to AGND)
−0.5 V
AVDD + 0.5 V
ENVIRONMENTAL
Operating Temperature
−40°C
85°C
Junction Temperature
150°C
Case Temperature
150°C
Storage Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
Table 6.
Level
Descriptions
I
100% production tested.
II
100% production tested at 25°C and guaranteed by design and characterization at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C and guaranteed by design and characterization for industrial temperature range.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com