Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2132S Datasheet(PDF) 13 Page - International Rectifier

Part # IR2132S
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132S Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2132S Datasheet HTML 9Page - International Rectifier IR2132S Datasheet HTML 10Page - International Rectifier IR2132S Datasheet HTML 11Page - International Rectifier IR2132S Datasheet HTML 12Page - International Rectifier IR2132S Datasheet HTML 13Page - International Rectifier IR2132S Datasheet HTML 14Page - International Rectifier IR2132S Datasheet HTML 15Page - International Rectifier IR2132S Datasheet HTML 16Page - International Rectifier IR2132S Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
13
Figure 22A. Logic “1” Input Threshold vs. Temperature
Figure 22B. Logic “1” Input Threshold vs. Voltage
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Figure 23A. ITRIP Input Positive Going Threshold
vs. Temperature
Figure 23B. ITRIP Input Positive Going Threshold
vs. Voltage
0
150
300
450
600
750
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0
150
300
450
600
750
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
Min.
Figure 21A. Logic “0” Input Threshold vs. Temperature
Figure 20B. Logic “0” Input Threshold vs. Voltage
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com