Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH249VP Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # AH249VP
Description  RS 485 OPTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH249VP Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  AH249VP Datasheet HTML 1Page - A1 PROs co., Ltd. AH249VP Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Connector Pin map
A1 PROs
1
A1 PROs
①
②
③
④
⑤
⑥
⑦
Connector
Pin number
Pin name
Description
①
1
+3.3V
+3.3V Output
2
485-TX
RS-485
3
485-RX
4
GND
Board GND
②
1
MA +
Day & Night Control out
2
MA -
Day & Night Control out
③
1
DMP +
DC IRIS Damping +
2
DMP -
DC IRIS Damping -
3
DRV +
DC IRIS Drive +
4
GND
Board Ground
④
1
CDS IN
CDS Signal in (Voltage level)
2
Day&Night IN
Day & Night Signal in (High or Low)
3
IRLED OUT
IR LED On Signal out
4
GND
Board Ground
5
+12V
+12V Input
⑤
1
GND
Board Ground
2
+12V
+12V Input
3
GND
Board Ground
4
Day&Night IN
Day & Night Signal in (High or Low)
5
GND
Board Ground
6
GND
Board Ground
7
CVBS
Analog Video (Composite Video Banking Sync)
8
Key Down
OSD Key down
9
Key Up
OSD Key up
10
Key Select
OSD Key select
11
Key Right
OSD Key right
12
Key Left
OSD Key left
13
MD Out
Motion detection out signal
14
GND
Board Ground
15
+5V
+5V Output
⑥
1
A/D KEY
A/D Key input
2
GND
Board Ground
⑦
1
HD-SDI
MMCX (IPEX)
Address
Rm.915, Keumkang Hightech Valley, 177, Sagimakgol-ro Jungwon-ku, Seongnam-si, Gyeonggi-do, Korea
AH249VP (EX-SDI)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com