Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP242S Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AP242S
Description  2Megapixel Full HD Network Camera Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AP242S Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AP242S Datasheet HTML 1Page - A1 PROs co., Ltd. AP242S Datasheet HTML 2Page - A1 PROs co., Ltd. AP242S Datasheet HTML 3Page - A1 PROs co., Ltd. AP242S Datasheet HTML 4Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AP242S
2Megapixel Full HD Network Camera Module
Video
Imaging Device
1/2.8" 2M SONY CMOS
Total Pixel
1945 (H) × 1109 (V) approx. 2.16 M pixels
Effective Pixel
1945 (H) × 1097 (V) approx. 2.13 M pixels
Scanning System
Progressive
Lens
Lens Type
Fixed, DC-IRIS, MOTORIZE
Mount Type
Board type
Operational
Camera Title / Camera ID
Off / On (0 ~ 1, A ~ Z)
Key Features
Day & Night
Color/BW/Auto/External
White Balance
Auto / PRESET / MANUAL
• 2Mega Pixel 1/2.8" SONY CMOS Sensor
Sense Up
x2 / x4 / x8 / x16 / x32
• Full HD (1920 x 1080 : 1080p) Max. 60fps
Exposure
ALC/ELC
• Digital Noise Reduction
Shutter Speed
Auto / Manual (1/25 ~ 1/30,000)
• Double shutter WDR (Wide Dynamic Range)
Fix Lens
Normal / Deblur
• Flip / Mirror
OSD Language
ENG/KOR/CHN/JPN
• H.264, MJPEG dual Codec, Dual Streaming
Anti-fog
Off / On
Lens shading
Off / On
Privacy
Off / On (16 Point)
Motion
Off /On (16 Point)
Double shutter WDR
LOW / MIDDLE / HIGH
DNR
LOW / MIDDLE / HIGH
Mirror / Flip
Off / On
Dimensions
unit : mm (inch)
Network
Ethernet
RJ-45 (100/1000Mbps)
Video Compression Format
H.264, MJPEG
Audio Encoding/Decoding
Hard-wired G.711 Audio Codec
Bitrate Control Method
CBR, VBR
Protocol
Onvif, HTTP, RTS/RTSP, TCP/IP(V4), SMTP, UpnP, DHCP
Security
Login authentication
Streaming Method
Unicast, Multicast
Web Viewer
Microsoft Internet Explorer
Accessories (Optional)
Environmental
Operation Temperature
-10˚C~ + 55˚C (14˚F ~ 131˚F)
Mechanical
Dimensions
420 x 420 (mm)
Weight
Approx. g
FULL HD NETWORK CAMERA MODULE
H.264(1st), H.264(2nd): 1080p 30fps 480p 30fps
H.264 + MJPEG dual-streaming (2M 30fps)
Max. Framerate
1920X1080, 1280x720, 800x600, 640x480,
640X360, 320x240
Resolution
42mm


Similar Part No. - AP242S

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
AP2420 HAMMOND-AP2420 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
logo
Advanced Power Electron...
AP2422GY A-POWER-AP2422GY Datasheet
77Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2422GY A-POWER-AP2422GY Datasheet
121Kb / 5P
Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
Surface mount package
logo
Hammond Manufacturing L...
AP2424 HAMMOND-AP2424 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
More results

Similar Description - AP242S

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-1041 LVL1-FCS-1041 Datasheet
615Kb / 4P
PTZ Network Camera
FCS-1131 LVL1-FCS-1131 Datasheet
529Kb / 5P
Fixed Network Camera
FCS-1153 LVL1-FCS-1153 Datasheet
519Kb / 4P
Fixed Network Camera
FCS-5042 LVL1-FCS-5042 Datasheet
573Kb / 4P
Zoom Network camera
FCS-5043 LVL1-FCS-5043 Datasheet
562Kb / 4P
Zoom Network camera
FCS-5053 LVL1-FCS-5053 Datasheet
683Kb / 4P
Fixed Network Camera
FCS-5055 LVL1-FCS-5055 Datasheet
657Kb / 4P
Zoom Network Camera
FCS-5063 LVL1-FCS-5063 Datasheet
675Kb / 4P
Fixed Network Camera
FCS-6020 LVL1-FCS-6020 Datasheet
552Kb / 5P
PT Network Camera
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
Full-HD IP Camera SoC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com