Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC89K Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # APC89K
Description  Intelligent Motion Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

APC89K Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  APC89K Datasheet HTML 1Page - A1 PROs co., Ltd. APC89K Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connector Pin map
1
1
1
1
1
1
Connector
Pin number
Pin name
1
+12V
2
GND
3
Video
1
Select
2
Left
3
Up
4
Right
5
Down
6
GND
7
Video 2
8
GND
2
Address
Rm.918, Keumkang Hightech Valley, 133-1, Sangdaewon
8
GND
1
+12V
2
GND
3
CDS IN
4
IR LED
5
EXT LED
1
TDN MA -
2
TDN MA +
1
GND
2
DRV +
3
DMP -
4
DMP +
1
NC
2
GND
3
OSD
4
RS485EN
Description
DC 12V input
Board Ground
Composite Video Output 1
OSD control select
OSD control left
OSD control up
OSD control right
OSD control down
Board Ground
Composite Video Output 2
Board Ground
2
1, Sangdaewon-Dong Jungwon-ku, Seongnam-si, Gyeonggi-do, Korea
Board Ground
IR LED Board power DC 12V
Board Ground
CDS signal IN(CDS signal is Capacitor output time)
IR LED On signal out
IR LED On signal in
Day & Night control out
Day & Night control out
Board Ground
DC IRIS Drive +
DC IRIS Damping -
DC IRIS Damping +
Open
Board Ground
OSD control A/D
RS485 signal in(Do not built in RS485 IC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com