Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR8203 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR8203
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8203 Datasheet(HTML) 2 Page - International Rectifier

  IRLR8203 Datasheet HTML 1Page - International Rectifier IRLR8203 Datasheet HTML 2Page - International Rectifier IRLR8203 Datasheet HTML 3Page - International Rectifier IRLR8203 Datasheet HTML 4Page - International Rectifier IRLR8203 Datasheet HTML 5Page - International Rectifier IRLR8203 Datasheet HTML 6Page - International Rectifier IRLR8203 Datasheet HTML 7Page - International Rectifier IRLR8203 Datasheet HTML 8Page - International Rectifier IRLR8203 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLR/U8203
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
–––
0.75
1.3
V
TJ = 25°C, IS = 12A, VGS = 0V
ƒ
–––
0.65
–––
TJ = 125°C, IS = 12A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
48
72
ns
TJ = 25°C, IF = 12A, VR=15V
Qrr
Reverse Recovery Charge
–––
62
92
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
49
74
ns
TJ = 125°C, IF = 12A, VR=15V
Qrr
Reverse Recovery Charge
–––
67
100
nC
di/dt = 100A/µs
ƒ
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
310
mJ
IAR
Avalanche Current

–––
30
A
Avalanche Characteristics
S
D
G
Diode Characteristics
110
„
120
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
35
–––
–––
SVDS = 15V, ID = 12A
Qg
Total Gate Charge
–––
33
50
ID = 12A
Qgs
Gate-to-Source Charge
–––
5.7
8.5
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
17
25
VGS = 4.5V
ƒ
Qoss
Output Gate Charge
–––
23
34
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
15
–––
VDD = 15V
tr
Rise Time
–––
99
–––
ID = 12A
td(off)
Turn-Off Delay Time
–––
30
–––
RG = 6.8Ω
tf
Fall Time
–––
69
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
–––
2430 –––
VGS = 0V
Coss
Output Capacitance
–––
1200 –––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
250
–––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.027
–––
V/°C
Reference to 25°C, ID = 1mA
–––
5.6
6.8
VGS = 10V, ID = 15A
ƒ
–––
7.1
9.0
VGS = 4.5V, ID = 12A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 24V, VGS = 0V
–––
–––
100
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com