Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3046 Datasheet(PDF) 12 Page - International Rectifier

Part # IRU3046
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3046 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRU3046 Datasheet HTML 8Page - International Rectifier IRU3046 Datasheet HTML 9Page - International Rectifier IRU3046 Datasheet HTML 10Page - International Rectifier IRU3046 Datasheet HTML 11Page - International Rectifier IRU3046 Datasheet HTML 12Page - International Rectifier IRU3046 Datasheet HTML 13Page - International Rectifier IRU3046 Datasheet HTML 14Page - International Rectifier IRU3046 Datasheet HTML 15Page - International Rectifier IRU3046 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Rev. 1.9
09/27/02
IRU3046
www.irf.com
From (18), R2 can be express as:
Set the zero of compensator to be half of FLC(SLAVE), the
compensator capacitor, C2, can be calculated as:
Using equations (20) and (21) we get the following val-
ues for R2 and C2.
LDO Section
Output Voltage Programming
Output voltage for LDO is programmed by reference volt-
age and external voltage divider. The Fb3 pin is the in-
verting input of the error amplifier, which is internally ref-
erenced to 1.25V. The divider is ratioed to provide 1.25V
at the Fb3 pin when the output is at its desired value.
The output voltage is defined by using the following equa-
tion:
Results to R7=1K
V
C2=6606pF; Choose: C2=6800pF
R2=16.45K;
Choose: R2=16.5K
LDO Power MOSFET Selection
The first step in selecting the power MOSFET for the
linear regulator is to select the maximum RDS(ON) based
on the input to the dropout voltage and the maximum
load current.
Results to: RDS(ON)(MAX) = 0.4
V
Note that since the MOSFET RDS(ON) increases with tem-
perature, this number must be divided by ~1.5 in order
to find the RDS(ON)(MAX) at room temperature. The IRLR2703
has a maximum of 0.065
V RDS(ON) at room temperature,
which meets our requirements.
Layout Consideration
The layout is very important when designing high fre-
quency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
Start to place the power components, make all the con-
nection in the top layer with wide, copper filled areas.
The inductor, output capacitor and the MOSFET should
be close to each other as possible. This helps to reduce
the EMI radiated by the power traces due to the high
switching currents through them. Place input capacitor
directly to the drain of the high-side MOSFET, to reduce
the ESR replace the single input capacitor with two par-
allel units. The feedback part of the system should be
kept away from the inductor and other noise sources,
and be placed close to the IC. In multilayer PCB use
one layer as power ground plane and have a control cir-
cuit ground (analog ground), to which all signals are ref-
erenced. The goal is to localize the high current path to
a separate loop that does not interfere with the more
sensitive analog control function. These two grounds
must be connected together on the PC board layout at a
single point.
R2 =
3
1
gm 3 RS1
2
p 3 FO2 3 L2 3 VOSC
VIN(SLAVE) - VOUT
---(20)
R7
R10
VOUT2 = VREF
3 1+
(
)
For:
VOUT2 = 2.5V
VREF = 1.25V
R10 = 1K
V
RDS(ON) =
VIN3 - VOUT2
IOUT2
For:
VIN3 = 3.3V
VOUT2 = 2.5V
IOUT2 = 2A
H(Fo) =
gm3RS13R23
=1
---(19)
VIN - VOUT
2
p3Fo3L23VOSC
FLC(SLAVE) =
1
2
p
L2
3COUT
Fz =
FLC(SLAVE)
2
C2 =
---(21)
1
2
p 3 R2 3 Fz
Fb3
IRU3046
VOUT3
R10
R7
Figure 9 - Programming the output voltage for LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com