Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3046CF Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3046CF
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3046CF Datasheet(HTML) 2 Page - International Rectifier

  IRU3046CF Datasheet HTML 1Page - International Rectifier IRU3046CF Datasheet HTML 2Page - International Rectifier IRU3046CF Datasheet HTML 3Page - International Rectifier IRU3046CF Datasheet HTML 4Page - International Rectifier IRU3046CF Datasheet HTML 5Page - International Rectifier IRU3046CF Datasheet HTML 6Page - International Rectifier IRU3046CF Datasheet HTML 7Page - International Rectifier IRU3046CF Datasheet HTML 8Page - International Rectifier IRU3046CF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Rev. 1.9
09/27/02
IRU3046
www.irf.com
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc=5V, VcH1=VcH2=VCL=VccLDO=12V and TA=0 to
70°C. Typical values refer to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case tem-
peratures equal to the ambient temperature.
ABSOLUTE MAXIMUM RATINGS
Vcc Supply Voltage ..................................................
25V
VccLDO, VcH1, VcH2 and VCL Supply Voltage ...........
30V (not rated for inductive load)
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
PACKAGE INFORMATION
24-PIN PLASTIC TSSOP (F)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX UNITS
Reference Voltage Section
Fb Voltage
Fb Voltage Line Regulation
UVLO Section
UVLO Threshold - Vcc
UVLO Hysteresis - Vcc
UVLO Threshold - VccLDO
UVLO Hysteresis - VccLDO
UVLO Threshold - VcH1
UVLO Hysteresis - VcH1
UVLO Threshold - VcH2
UVLO Hysteresis - VcH2
UVLO Threshold - Fb
UVLO Hysteresis - Fb
UVLO Threshold - VSEN33
UVLO Hysteresis - VSEN33
Supply Current Section
Vcc Dynamic Supply Current
VcH1 Dynamic Supply Current
VcH2 Dynamic Supply Current
Vcc Static Supply Current
VcH1 Static Supply Current
VcH2 Static Supply Current
VccLDO Static Supply Current
5<Vcc<12
Supply Ramping Up
Supply Ramping Up
Supply Ramping Up
Supply Ramping Up
Fb Ramping Down
Supply Ramping Up
Freq=200KHz, CL=1500pF
Freq=200KHz, CL=1500pF
Freq=200KHz, CL=1500pF
SS=0V
SS=0V
SS=0V
SS=0V
1.225
1.250
0.2
4.2
0.25
4.2
0.25
3.5
0.2
3.5
0.2
0.6
0.1
2.5
0.2
5
7
7
3.5
2
2
1
1.275
V
%
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
θJA = 84°C/W
Vcc
Comp1
Comp2
Rt
Sync
VcH2
HDrv2
LDrv2
Fb2
PGnd
VCL
LDrv1
HDrv1
VcH1
VccLDO
VOUT3
Fb3
SS
Fb1
VSEN33
Vp2
PGood
VREF
Gnd
4
3
2
1
21
22
23
24
7
6
5
18
19
20
TOP VIEW
12
13
11
14
10
15
9
16
8
17
VFB
LREG
UVLOVCC
UVLOVCCLDO
UVLOVCH1
UVLOVCH2
UVLOFb
UVLOVSEN33
Dyn ICC
Dyn ICH1
Dyn ICH2
ICCQ
ICH1Q
ICH2Q
ICLDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com