Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3CE15ST Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3CE15ST
Description  SchottkyBarrierDiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3CE15ST Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D3CE15ST Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
外形図については新電元 Webサイトをご参照下さい。捺印表示については
捺印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourwebsi
t
e.Asf
ort
he
mar
ki
ng,r
ef
ert
ot
hespeci
f
i
cat
i
on"Mar
ki
ng,Ter
mi
nalConnect
i
on".
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(J532-p〈2016.02〉)
Package:CE
①
②
Control No.
管理番号
Date code
ロット記号
Cathode mark
カソードマーク
Type No.
品名略号
T 15
0000
①②
4.7
Schot
t
kyBar
r
i
erDi
ode
Uni
t:mm
■外観図 OUTLI
NE
Si
ngl
e
D3CE15ST
150V3A
特長
煙
超小型 SMD
煙
超薄型
煙
低I
R
煙
AEC-
Q101準拠
Feat
ur
e
煙
Ul
t
r
a-
smal
lSMD
煙
Ul
t
l
a-
t
hi
nPKG
煙
LowI
R
煙
BasedonAEC-
Q101
単位
Uni
t
規格値
Rat
i
ngs
条 件
Condi
t
i
ons
記号
Symbol
項
目
I
t
em
℃
-55~175
Tstg
保存温度
St
or
ageTemper
at
ur
e
℃
175
Tj
接合部温度
Oper
at
i
ngJunct
i
onTemper
at
ur
e
V
150
VRM
せん頭逆電圧
Maxi
mum Rever
seVol
t
age
A
1.
2
*1
50Hz正弦波,抵抗負荷,Ta=25℃
50Hzsi
newave,Resi
st
ancel
oad,Ta=25˚
C
Io
出力電流
Aver
ageRect
i
f
i
edFor
war
dCur
r
ent
1.
7
*2
50Hz正弦波,抵抗負荷,Ta=25℃
50Hzsi
newave,Resi
st
ancel
oad,Ta=25˚
C
3.
0
50Hz正弦波,抵抗負荷,Tl=136℃
50Hzsi
newave,Resi
st
ancel
oad,Tl
=136˚
C
A
80
50Hz正弦波,非繰り返し 1サイクルせん頭値,Tj=25℃
50Hzsi
newave,Non-
r
epet
i
t
i
ve1cycl
epeakval
ue,Tj
=25˚
C
IFSM
せん頭サージ順電流
PeakSur
geFor
war
dCur
r
ent
■定格表 RATI
NGS
●絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs
(指定のない場合は Tl=25℃/unlessotherwisespecified)
●電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs
(指定のない場合は Tl=25℃/unlessotherwisespecified)
V
MAX
0.
88
パルス測定
Pul
semeasur
ement
IF=3.
0A,
VF
順電圧
For
war
dVol
t
age
μA
MAX
8
パルス測定
Pul
semeasur
ement
VR=150V,
IR
逆電流
Rever
seCur
r
ent
pF
TYP
52
f=1MHz,VR=10V
Cj
接合容量
Junct
i
onCapaci
t
ance
℃/W
MAX
172
*1
接合部・周囲間
Junct
i
ont
oambi
ent
θja
熱抵抗
Ther
malResi
st
ance
MAX
115
*2
MAX
15
接合部・リード間
Junct
i
ont
ol
ead
θjl
*1 ガラス・エポキシ基板実装(2インチ基板)銅箔パターン総面積 32mm2
Measur
edont
he2×2i
nchOngl
ass-
epoxisubst
r
at
e(
pat
t
er
nar
ea:32mm2)
*2 ガラス・エポキシ基板実装(2インチ基板)銅箔パターン総面積 160mm2
Measur
edont
he2×2i
nchOngl
ass-
epoxisubst
r
at
e(
pat
t
er
nar
ea:160mm2)


Similar Part No. - D3CE15ST

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3CE20LUS SHINDENGEN-D3CE20LUS Datasheet
1Mb / 7P
Fast Recovery Diodes 200V, 3.0A
D3CE4S SHINDENGEN-D3CE4S Datasheet
177Kb / 4P
SchottkyBarrierDiode
D3CE60K SHINDENGEN-D3CE60K Datasheet
163Kb / 4P
Fast Recovery Diode
D3CE60V SHINDENGEN-D3CE60V Datasheet
182Kb / 4P
RectifierDiode
D3CE60VE SHINDENGEN-D3CE60VE Datasheet
1Mb / 7P
General Rectifying Diodes 600V, 3.5A
More results

Similar Description - D3CE15ST

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3CE4S SHINDENGEN-D3CE4S Datasheet
177Kb / 4P
SchottkyBarrierDiode
D6FEC12ST SHINDENGEN-D6FEC12ST Datasheet
241Kb / 4P
SchottkyBarrierDiode
D6FEC15ST SHINDENGEN-D6FEC15ST Datasheet
241Kb / 4P
SchottkyBarrierDiode
DG1S6A SHINDENGEN-DG1S6A Datasheet
246Kb / 4P
SchottkyBarrierDiode
S20SC9MT SHINDENGEN-S20SC9MT_17 Datasheet
165Kb / 4P
SchottkyBarrierDiode
logo
First Silicon Co., Ltd
FDR54E FS-FDR54E Datasheet
350Kb / 3P
SCHOTTKYBARRIERDIODE
FDR520E FS-FDR520E Datasheet
334Kb / 3P
SCHOTTKYBARRIERDIODE
FDR521E FS-FDR521E Datasheet
322Kb / 3P
SCHOTTKYBARRIERDIODE
FDR521G FS-FDR521G Datasheet
335Kb / 4P
SCHOTTKYBARRIERDIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com