Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D6FEC10ST Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D6FEC10ST
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D6FEC10ST Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D6FEC10ST Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D6FEC10ST Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D6FEC10ST Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D6FEC10ST Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tc=75°C(TYP)
Tc=125°C(TYP)
順方向特性
Forward Voltage
00.
20.
41.
2
1.
01.
4 1.6
0.8
0.6
Tc=175℃(MAX)
Tc=175℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
逆方向特性
Reverse Current
0
20
40
80
100
60
Forward Voltage VF〔V〕
Reverse Voltage VR〔V〕
Pulse measurement
Pulse measurement
VR
=50V
ディレーティングカーブ
Derating Curve
D=tp/T
T
tp
0
0
IO
VR
0
2
12
10
8
6
4
0
0.2
0.4
1
0.6
0.8
0
0
20
4060
40
80
100
120
80
160
120
180
DC
0.
5
SIN
SIN
0.
3
0.
2
0.
1
0.
05
DC
0.
5
0.
3
0.
2
0.
1
0.
05
逆電力損失曲線
DC
DC
D=0.
05
D=0.
05
0.
5
0.
5
0.
0.
8
8
0.
8
0.
3
0.
3
0.
2
0.
2
0.
1
0.
1
SIN
SIN
Case Temperature Tc〔℃〕
Tc=150°C(TYP)
Tc=175°C(TYP)
Tc=100°C(TYP)
Tc=50°C(TYP)
Tc=25°C(TYP)
D=tp/T
T
tp
0
VR
8
7
6
5
4
3
2
1
004
26
10
8
順電力損失曲線
Forward Power Dissipation
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
DC
D=0.
8
D=0.
8
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
Tj=175℃
D=tp/T
T
tp
0
IO
Average Rectified Forward Current IO〔A〕
20
10
0.
1
1
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
80
40
120
100
60
20
01
100
10
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
Number of Cycles 〔cycle〕
せん頭サージ順電流減少率−接合部温度
Peak Surge Forward Current Derating vs Junction Temperature
100
80
40
20
60
00
40
20
60
175
80 100 120
160
140
接合容量
Junction Capacitance
1000
10
100
0.1
100
10
1
Junction Temperature Tj 〔℃〕
Reverse Voltage VR〔V〕
過渡熱抵抗
Transient Thermal Impedance
100
0.1
10
1
10-4 10-3 10-2 10-1 100
101
103
102
Time t〔s〕
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
150
250
300
0
200
100
50
1
10
Pulse Width tp〔ms〕
Tj=25℃
Tj=25℃
Tj=25℃
Tj=175℃
Reverse Power Dissipation
Reverse Voltage VR〔V〕
10000
100
1000
0.001
0.0001
1
0.1
10
0.01
tp
Sine wave
Non-repetitive
f=1MHz
Tc=25℃
TYP
Per diode
1素子当り



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com