Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5115MM
Description  Secondary Side Post Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5115MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5115MM Datasheet HTML 7Page - National Semiconductor (TI) LM5115MM Datasheet HTML 8Page - National Semiconductor (TI) LM5115MM Datasheet HTML 9Page - National Semiconductor (TI) LM5115MM Datasheet HTML 10Page - National Semiconductor (TI) LM5115MM Datasheet HTML 11Page - National Semiconductor (TI) LM5115MM Datasheet HTML 12Page - National Semiconductor (TI) LM5115MM Datasheet HTML 13Page - National Semiconductor (TI) LM5115MM Datasheet HTML 14Page - National Semiconductor (TI) LM5115MM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Error Amplifier and Soft-Start (FB,
CO, & COMP, SS) (Continued)
fier is configured as an open drain output it can be disabled
by connecting FB to ground. The current sense amplifier and
current limiting function will be described in a later section.
Leading Edge Pulse Width
Modulation
Unlike conventional voltage mode controllers, the LM5115
implements leading edge pulse width modulation. A current
source equal to 3 times the I
SYNC current is used to charge
the capacitor connected to the RAMP pin as shown in Figure
4. The ramp signal and the output of the error amplifier
(COMP) are combined through a resistor network to produce
a voltage ramp with variable dc offset (CRMIX in Figure 4).
The high side MOSFET which drives the HS pin is held in the
off state at the beginning of the phase signal. When the
voltage of CRMIX exceeds the internal threshold voltage CV,
the PWM comparator turns on the high side MOSFET. The
HS pin rises and the MOSFET delivers current from the main
converter phase signal to the output of the auxiliary regula-
tor. The PWM cycle ends when the phase signal falls and
power is no longer supplied to the drain of the high side
MOSFET.
Leading edge modulation of the auxiliary PWM controller is
required if the main converter is implemented with peak
current mode control. If trailing edge modulation were used,
the additional load on the transformer secondary from the
auxiliary channel would be drawn only during the first portion
of the phase signal pulse. Referring to Figure 5, the turn off
the high side MOSFET of the auxiliary regulator would cre-
ate a non-monotonic negative step in the transformer cur-
rent. This negative current step would produce instability in a
peak current mode controller. With leading edge modulation,
the additional load presented by the auxiliary regulator on
the transformer secondary will be present during the latter
portion of the phase signal. This positive step in the phase
signal current can be accommodated by a peak current
mode controller without instability.
20134914
FIGURE 4. Synchronization and Leading Edge Modulation
20134920
FIGURE 5. Leading versus Trailing Edge Modulation
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com