Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HPD
Description  High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPD Datasheet(HTML) 1 Page - Vishay Siliconix

  HPD Datasheet HTML 1Page - Vishay Siliconix HPD Datasheet HTML 2Page - Vishay Siliconix HPD Datasheet HTML 3Page - Vishay Siliconix HPD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HPC, HPD
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
1
Document Number: 22167
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Disc Capacitors, 20 kVDC
Screw Mounting, Class 2 Ceramic
MATERIAL
Capacitor elements made from class 2 ceramic dielectric
with noble metal electrodes.
Connection terminals: thread terminal, brass, silver plated
Allowable torque: 5.0 Nm (44 lbf · in)
FINISH
The capacitor body of the HPD type is completely protective
lacquered. The HPC type feature a coating made from
silicone elastomer to minimize the adverse effect of
moisture, dust and other impurities in the working
environment.
MARKING
Capacitance value and tolerance, manufacturer logo.
FEATURES
• High reliability
• Wide range of capacitance values
APPLICATIONS
HPC and HPD high voltage capacitors made from
class 2-ceramic dielectric can be used as coupling and
bypass capacitors where low power ratings are required and
larger capacitance changes with temperature can be
tolerated.
CAPACITANCE RANGE
350 pF to 5.0 nF
CAPACITANCE TOLERANCE
± 20 %
CERAMIC DIELECTRIC
R2000H (Z5U)
RATED VOLTAGE
20 kVDC or 15 kVRMS (up to 120 Hz)
DIELECTRIC STRENGTH TEST
25 kVRMS, 50 Hz, 5 minutes
DISSIPATION FACTOR
Max. 0.5 % (1 MHz)
INSULATION RESISTANCE
Min. 50 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-25 °C to +85 °C
QUICK REFERENCE DATA
DESRIPTION
VALUE
Type
HPC
HPD
Ceramic Class
2
Ceramic Dielectric
R2000H
Voltage (VP)
20 000
Min. Capacitance (pF)
350
Max. Capacitance (pF)
5000
Mounting
Screw mounting


Similar Part No. - HPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPD VISHAY-HPD Datasheet
112Kb / 2P
High Voltage Disc Capcitors, Screw mounting
21-Feb-02
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPD-40GF HOKURIKU-HPD-40GF Datasheet
193Kb / 1P
Pressure Sensor
logo
HITRON ELECTRONICS CORP...
HPD100 HITRON-HPD100 Datasheet
272Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HPD100-S120084 HITRON-HPD100-S120084 Datasheet
272Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
More results

Similar Description - HPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715C15DKD15 VISHAY-715C15DKD15 Datasheet
75Kb / 3P
High Voltage Disc Capacitors, Screw Mounting
21-Aug-08
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
07-Jan-10
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
19-Jan-17
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
19-Jan-17
715C-DK VISHAY-715C-DK_V01 Datasheet
92Kb / 4P
High Voltage Class 2 Ceramic DC Disc Capacitors, 10 kVDC to 40 kVDC / 3.5 kVAC to 14 kVAC, Screw Terminal Mounting
07-Mar-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com