Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L173 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L173
Description  2.5 X 5 MM RECTANGULAR SOLID LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L173 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L173 Datasheet HTML 1Page - List of Unclassifed Manufacturers L173 Datasheet HTML 2Page - List of Unclassifed Manufacturers L173 Datasheet HTML 3Page - List of Unclassifed Manufacturers L173 Datasheet HTML 4Page - List of Unclassifed Manufacturers L173 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: CDA0739
REV NO: V.1
DATE: NOV/11/2001
PAGE: 2 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: S.H.CHEN
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
1
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
D
H
3
7
1
L)
P
a
G
(
D
E
R
T
H
G
I
R
BD
E
S
U
F
F
I
D
D
E
R8
.
05
.
1°
0
0
1
D
I
3
7
1
L)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
HD
E
S
U
F
F
I
D
D
E
R3
8
°
0
0
1
D
E
3
7
1
L)
P
a
G
/
P
s
A
a
G
(
E
G
N
A
R
OD
E
S
U
F
F
I
D
E
G
N
A
R
O3
8
°
0
0
1
D
G
3
7
1
L)
P
a
G
(
N
E
E
R
GD
E
S
U
F
F
I
D
N
E
E
R
G2
5
°
0
0
1
D
Y
3
7
1
L)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
YD
E
S
U
F
F
I
D
W
O
L
L
E
Y2
5
°
0
0
1
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
0
0
7
7
2
6
7
2
6
5
6
5
0
9
5
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
0
6
6
5
2
6
5
2
6
8
6
5
8
8
5
m
nA
m
0
2
=
F
I
λ
∆
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
5
4
5
4
5
4
0
3
5
3
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
0
4
5
1
5
1
5
1
0
2
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
t
h
g
ir
B
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
5
2
.
2
0
.
2
0
.
2
2
.
2
1
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com