Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV788 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV788
Description  power requirements:
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV788 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV788 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV788 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.2, October, 2014
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
¬
¬
¬
¬
digital video port (DVP) parallel output
interface
embedded one-time programmable
(OTP) memory
on-chip phase lock loop (PLL)
built-in 1.5V regulator for core
¬
¬
¬
¬
OV9712 Product Features
¬
OV09712-ECVF-AW1A
Ordering Information
¬
¬
power supply:
- core: 1.2V ±5%
- analog: 3.3V ±10% (USB),
2.5V ±10% (MIPI), 2.8V ±10%
- I/O: 3.3V ±10%
temperature range: -30°C to 70°C
¬
¬
power requirements:
- recording 720p at 30 fps: 290 mW
- recording VGA at 30 fps: 125 mW
package dimensions:
11 mm x 11 mm
OV788-IP Product Specifications
OV788-IP
high sensitivity for low-light operation
ultra low power and low cost
programmable controls: frame rate,
AEC / AGC 16-zone size / position /
weight control, mirror, flip and windowing
output support for raw RGB
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
maximum image transfer rate:
- WXGA (1280x800): 30 fps
- 640x400: 60 fps
sensitivity: 3700 mV/Lux-sec
max S/N ratio: 40 dB
dynamic range: 69 dB @ 8x gain
pixel size: 3 µm x 3 µm
package dimensions:
5415 µm x 4415 µm
¬
¬
¬
¬
¬
¬
¬
OV9712 Product Specifications
active array size: 1280 x 800
power supply:
- analog: 3.0 ~ 3.6V
- core: 1.5VDC •±5% (built-in regulator)
- I/O: 1.7 ~ 3.6V
power requirements:
- active: 110 mW
- standby: 50 µA
temperature range:
- operating: -30°C to 70°C
- stable image: 0°C to 50°C
lens size: 1/4"
lens chief ray angle: 25° non-linear
¬
¬
¬
¬
TV support
- embedded TV encoder and
video DAC supports NTSC or PAL
SDRAM controller
- supports external SDRAM at 133 MHz
with 16-bit data width up to 128 MB
storage card/ NAND flash interfaces
USB device controller
- USB2.0 HS/FS
- supports UVC video class for PC camera
- supports mass storage class
USB host controller
- USB2.0 HS/FS
general purpose I/O (GPIO)
- flexible GPIO capability
for most of the I/O pins
¬
¬
¬
¬
¬
¬
OV788-IP Product Features
general features
- highly integrated multimedia camera
processor provides low system
integration cost without external
memory required
camera interfaces
- MIPI two-lane receiver or 10-bit RGB
raw or YUV input
- supports up to 16MP image sensor
image signal processor
- raw to YUV processing
- auto white balance (AWB)
- edge enhancement
- hue and saturation control
- brightness and contrast control
- lens shading
- defective pixel correction
- auto focus
video engine
- supports video recording
up to 720p (1280x720) at 30 fps
- rate control to support various bit rates
- flexible motion detection
with programmable zones
- supports video decoding
up to 720p (1280x720) at 30 fps
- supports full duplex encoding and
recording up to VGA resolution at 30 fps
OmniVision
OV9712
720p
CMOS sensor
tablet
smartphone
notebook/PC
Ethernet PHY
WiFi module
OmniVision
OV788
video/audio
processor
audio
CODEC
Internet
Functional Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com