Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M06CDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # L78M06CDT
Description  POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M06CDT Datasheet(HTML) 5 Page - STMicroelectronics

  L78M06CDT Datasheet HTML 1Page - STMicroelectronics L78M06CDT Datasheet HTML 2Page - STMicroelectronics L78M06CDT Datasheet HTML 3Page - STMicroelectronics L78M06CDT Datasheet HTML 4Page - STMicroelectronics L78M06CDT Datasheet HTML 5Page - STMicroelectronics L78M06CDT Datasheet HTML 6Page - STMicroelectronics L78M06CDT Datasheet HTML 7Page - STMicroelectronics L78M06CDT Datasheet HTML 8Page - STMicroelectronics L78M06CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
L78M00 SERIES
5/21
ELECTRICAL CHARACTERISTICS OF L78M05C (refer to the test circuits, TJ = 25°C, VI =10V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
ELECTRICAL CHARACTERISTICS OF L78M06C (refer to the test circuits, TJ = 25°C, VI =11V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
4.8
5
5.2
V
VO
Output Voltage
IO = 5 to 350 mA
VI = 7 to 20 V
4.75
5
5.25
V
∆V
O
Line Regulation
VI =7 to 25 V
IO = 200 mA
100
mV
VI =8 to 25 V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
100
mV
IO = 5 to 200 mA
TJ = 25°C
50
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI = 8 to 25 V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply Voltage Rejection
VI = 8 to 18 V
f = 120Hz
IO = 300mA
62
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
40
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
300
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
5.75
6
6.25
V
VO
Output Voltage
IO = 5 to 350 mA
VI = 8 to 21 V
5.7
6
6.3
V
∆V
O
Line Regulation
VI =8 to 25 V
IO = 200 mA
100
mV
VI =9 to 25 V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
120
mV
IO = 5 to 200 mA
TJ = 25°C
60
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI = 9 to 25 V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply Voltage Rejection
VI = 9 to 19 V
f = 120Hz
IO = 300mA
59
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
45
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
270
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com