Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OBR4600 Datasheet(PDF) 2 Page - A-Data Technology

Part # OBR4600
Description  70 dB dynamic range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

OBR4600 Datasheet(HTML) 2 Page - A-Data Technology

  OBR4600 Datasheet HTML 1Page - A-Data Technology OBR4600 Datasheet HTML 2Page - A-Data Technology OBR4600 Datasheet HTML 3Page - A-Data Technology OBR4600 Datasheet HTML 4Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OBRTM is a trademark of Luna Innovations Incorporated.
©Luna Innovations Incorporated, Roanoke, VA
All rights reserved.
OBR 4600
LTOBR4600 REV. 004 02/13/2014
PARAMETER
SPECIFICATION
UNITS
Maximum Device Length:
Standard Mode
30 or 70
meters
Long Range Mode12
2000
meters
Spatial Resolution (two-point)1:
10 µm over 30 meters
20 µm over 70 meters
1 mm over 2 km
Dead Zone:
Equals 2-pt spatial resolution
Wavelength Range2:
1270-1340 or 1525-1610
nm
Wavelength:
Resolution (max)
0.02
pm
Accuracy3
±1.5
pm
Integrated Return Loss Characteristics:
Dynamic range4
70
dB
Total range
0 to -125
dB
Sensitivity
-130
dB
Resolution5
±0.05
dB
Accuracy5
±0.10
dB
Integrated Insertion Loss Characteristics:
Dynamic range6
18
dB
Resolution5
±0.05
dB
Accuracy5
±0.10
dB
Group Delay:
Accuracy
1.0
ps
Distributed Sensing7,12,13:
Spatial Resolution8
±1.0
cm
Temperature Resolution9
±0.1
C
Strain Resolution9
±1.0
µstrain
Measurement Timing10
Standard
Fast11
Spot Scan11
5 nm scan time
3
1.6
0.3
s
Time vs. wavelength range
2.1 s+0.14 s/nm
1.3 s+0.06 s/nm
0.15 s+0.02 s /nm
-
Long Range (2 km) Scan Time
20
s
Specifications are for single-mode operation.
For multimode operation, specifications are nominal.
1
Over entire length range.
2
Ranges are nominal.
3
Accuracy maintained by an internal NIST-traceable HCN
gas cell.
4
For the 2000 m option, return loss dynamic range is 60 dB.
5
With integration width of 0.5 m
6
The insertion loss dynamic range is the one-way loss
that can be suffered before the scatter level of standard
SMF (~ -100 dB/mm) is lower than the noise floor
(~ -118 dB/mm).
7
Distributed sensing uses Rayleigh spectral shift method
and is relative to reference scan.
8
Spatial resolutions listed are ideal to get the temperature
and strain resolutions listed; they are not minimums or
maximums.
9
Temperature and strain resolutions are calculated from
spectral shift of Rayleigh scatter using 1 GHz = 0.8 C
=
6.58 µStrain. [Othonos and K. Kalli, Fiber Bragg
Gratings (Artech House, Boston, 1999)].
10
Combined scan and analysis time in high-resolution
mode. Times are for 30 m scan mode.
11
Times are with laser tuning speed set at 100 nm/s.
12
Extended range mode and distributed sensing are
upgrade options
13
Maximum standard sensing length is 70m. Limited
sensing is available in extended range mode. Contact
your Luna representative for more information.
CLASS 1 LASER PRODUCT
SpecificationsT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com