Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6644 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6644
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 4 Page - Analog Devices

  AD6644 Datasheet HTML 1Page - Analog Devices AD6644 Datasheet HTML 2Page - Analog Devices AD6644 Datasheet HTML 3Page - Analog Devices AD6644 Datasheet HTML 4Page - Analog Devices AD6644 Datasheet HTML 5Page - Analog Devices AD6644 Datasheet HTML 6Page - Analog Devices AD6644 Datasheet HTML 7Page - Analog Devices AD6644 Datasheet HTML 8Page - Analog Devices AD6644 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD6644
Rev. D | Page 3 of 24
SPECIFICATIONS
DC SPECIFICATIONS
AVCC = 5 V, DVCC = 3.3 V; TMIN = –25°C, TMAX = +85°C, unless otherwise noted.
Table 1.
AD6644AST-40
AD6644AST-65
Parameter
Temp
Test Level1
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
14
14
Bits
ACCURACY
No Missing Codes
Full
II
Guaranteed
Guaranteed
Offset Error
Full
II
−10
+3
+10
−10
+3
+10
mV
Gain Error
Full
II
−10
−6
+10
−10
–6
+10
% FS
Differential Nonlinearity (DNL)
Full
II
−1.0
±0.25
+1.5
−1.0
±0.25
+1.5
LSB
Integral Nonlinearity (INL)
Full
V
±0.50
±0.50
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
10
10
ppm/°C
Gain Error
Full
V
95
95
ppm/°C
POWER SUPPLY REJECTION RATIO (PSRR)
Full
V
±1.0
±1.0
mV/V
REFERENCE OUT (VREF)
Full
V
2.4
2.4
V
ANALOG INPUTS (AIN, AIN)
Differential Input Voltage Span
Full
V
2.2
2.2
V p-p
Differential Input Resistance
Full
V
1
1
kΩ
Differential Input Capacitance
25°C
V
1.5
1.5
pF
POWER SUPPLY
Supply Voltage
AVCC2
Full
II
4.85
5.0
5.25
4.85
5.0
5.25
V
DVCC
Full
II
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Current
IAVCC (AVCC = 5.0 V)
Full
II
245
276
245
276
mA
IDVCC (DVCC = 3.3 V)
Full
II
30
36
30
36
mA
Rise Time3
AVCC
Full
IV
15
ms
POWER CONSUMPTION
Full
II
1.3
1.5
1.3
1.5
W
1 See the Explanation of Test Levels section.
2 AVCC can vary from 4.85 V to 5.25 V. However, rated ac (harmonics) performance is valid only over the range AVCC = 5.0 V to 5.25 V.
3 Specified for dc supplies with linear rise time characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com