Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4351 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4351
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351 Datasheet(HTML) 3 Page - Linear Technology

  LT4351 Datasheet HTML 1Page - Linear Technology LT4351 Datasheet HTML 2Page - Linear Technology LT4351 Datasheet HTML 3Page - Linear Technology LT4351 Datasheet HTML 4Page - Linear Technology LT4351 Datasheet HTML 5Page - Linear Technology LT4351 Datasheet HTML 6Page - Linear Technology LT4351 Datasheet HTML 7Page - Linear Technology LT4351 Datasheet HTML 8Page - Linear Technology LT4351 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT4351
3
sn4351 4351fs
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 5V, VDD = 16.1V, VUV = 0.4V, VOV = 0.2V, GATE Open,
unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
TYPICAL PERFOR A CE CHARACTERISTICS
Undervoltage Threshold
vs Temperature
Overvoltage Threshold
vs Temperature
Undervoltage Threshold vs VIN
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 120°C/W)
TEMPERATURE (
°C)
–50
290
292
296
298
300
310
304
0
50
75
4351 G01
294
306
308
302
–25
25
100
125
VIN = 1.2V
VIN = 5V
VIN = 12V
VIN = 20V
TEMPERATURE (
°C)
–50
293
297
299
305
0
50
75
4351 G02
295
301
303
–25
25
100
125
VIN = 1.2V
VIN = 5V
VIN = 12V
VIN = 20V
VIN (V)
0
302
306
310
16
4351 G03
298
294
300
304
308
296
292
290
4
2
8
6
12 14
18
10
20
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Operating Range
q
30
V
IVDD
VDD Supply Current
VIN = 1.2V, VOUT = 1.1V, VDD = 12.3V, GATE Open
q
3.0
4.0
mA
VIN = 18V, VOUT = 17.9V, VDD = 29.1V, GATE Open
q
3.6
5.6
mA
Status Functions
∆VGIS
Min Gate Voltage for Turning On Status
VOUT = 4.9V, ISTATUS = 1mA
q
0.75
1
V
VIOGF
VIN to VOUT Fault Voltage
VOUT Falling, Measured with Respect to VIN
185
210
230
mV
with Open Gate
VSTON
Status Pin On Voltage
IST = 5mA, VOUT = 4.9V, Status On
q
0.13
0.25
V
ISTOFF
Status Pin Leakage Current
VST = 30V, Status Off, VIN = 4.9V
q
0.04
1
µA
Specifications are at TA = 25°C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com