Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9226AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD9226AST
Description  ADC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9226AST Datasheet HTML 6Page - Analog Devices AD9226AST Datasheet HTML 7Page - Analog Devices AD9226AST Datasheet HTML 8Page - Analog Devices AD9226AST Datasheet HTML 9Page - Analog Devices AD9226AST Datasheet HTML 10Page - Analog Devices AD9226AST Datasheet HTML 11Page - Analog Devices AD9226AST Datasheet HTML 12Page - Analog Devices AD9226AST Datasheet HTML 13Page - Analog Devices AD9226AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
REV. B
FREQUENCY – MHz
0
–120
–100
–80
–60
–40
–20
0
32.5
6.5
13
19.5
26
–110
–90
–70
–50
–30
–10
SNR = 69.9dBc
SINAD = 69.8dBc
ENOB = 11.4BITS
THD = –86.4dBc
SFDR = 88.7dBc
TPC 1. Single-Tone 8K FFT with fIN = 5 MHz
FREQUENCY – MHz
0
–120
–100
–80
–60
–40
–20
0
32.5
6.5
13
19.5
26
–110
–90
–70
–50
–30
–10
SNR = 70.4dBFS
SFDR = 87.5dBFS
TPC 2. Dual-Tone 8K FFT with fIN–1 = 18 MHz and
fIN–2 = 20 MHz (AIN–1 = AIN–2 = –6.5 dBFS)
FREQUENCY – MHz
0
–120
–100
–80
–60
–40
–20
0
32.5
6.5
13
19.5
26
–110
–90
–70
–50
–30
–10
SNR = 69.5dBc
SINAD = 69.4dBc
ENOB = 11.3BITS
THD = –85dBc
SFDR = 87.6dBc
TPC 3. Single-Tone 8K FFT with fIN = 31 MHz
(AVDD = 5.0 V, DRVDD = 3.0 V, fSAMPLE = 65 MSPS with CLK Stabilizer Enabled, TA = 25 C, 2 V Differential Input Span, VCM = 2.5 V, AIN = –0.5 dBFS,
VREF = 2.0 V, unless otherwise noted.)
Typical Performance Characteristics–AD9226
–9–
SNR – dBFS
SFDR – dBc
SFDR – dBFS
SNR – dBc
100
80
60
40
AIN – dBFS
–30
–25
–20
–15
–10
0
–5
50
70
90
TPC 4. Single-Tone SNR/SFDR vs. AIN with fIN = 5 MHz
SNR – dBFS
SFDR – dBc
SNR – dBc
100
80
60
40
50
70
90
AIN – dBFS
–30
–25
–20
–15
–10
0
–5
SFDR – dBFS
TPC 5. Dual-Tone SNR/SFDR vs. AIN with fIN–1 = 18 MHz
and fIN–2 = 20 MHz
100
80
60
40
AIN – dBFS
–30
–25
–20
–15
–10
0
–5
50
70
90
SNR – dBFS
SFDR – dBc
SFDR – dBFS
SNR – dBc
TPC 6. Single-Tone SNR/SFDR vs. AIN with fIN = 31 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com