Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9410 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices AD9410 Datasheet HTML 16Page - Analog Devices AD9410 Datasheet HTML 17Page - Analog Devices AD9410 Datasheet HTML 18Page - Analog Devices AD9410 Datasheet HTML 19Page - Analog Devices AD9410 Datasheet HTML 20Page - Analog Devices AD9410 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD9410
Rev. A | Page 17 of 20
VOLTAGE REFERENCE
A stable and accurate 2.5 V voltage reference is built into the
AD9410 (VREFOUT). The input range can be adjusted by varying
the reference voltage. No appreciable degradation in
performance occurs when the reference is adjusted ±5%. The
full-scale range of the ADC tracks reference voltage changes
linearly within the ±5% tolerance.
TIMING
The AD9410 provides latched data outputs, with six pipeline
delays in interleaved mode (see Figure 2). In parallel mode, the
Port A has one additional cycle of latency added on-chip to line
up transitions at the data ports, resulting in a latency of seven
cycles for the Port A. The length of the output data lines and
loads placed on them should be minimized to reduce transients
within the AD9410; these transients can detract from the
dynamic performance of the converter.
The minimum guaranteed conversion rate of the AD9410 is
100 MSPS. At internal clock rates below 100 MSPS, dynamic
performance may degrade. Note that lower effective sampling
rates can be obtained simply by sampling just one output port—
decimating the output by two. Lower sampling frequencies can
also be accommodated by restricting the duty cycle of the clock
such that the clock high pulse width is a maximum of 5 ns.
DATA SYNC (DS)
The data sync input, DS, can be used in applications requiring
that a given sample appear at a specific output Port A or Port B.
When DS is held high, the ADC data outputs and clock do not
switch and are held static. Synchronization is accomplished by
the assertion (falling edge) of DS, within the timing constraints
tSDS and tHDS relative to an clock rising edge. (On initial
synchronization, tHDS is not relevant.) If DS falls within the
required setup time (tSDS) before a given clock rising edge N, the
analog value at that point is digitized and available at Port B six
cycles later (interleaved mode). The next sample, N+1, is
sampled by the next rising clock edge and available at Port A six
cycles after that clock edge (interleaved mode). In dual parallel
mode, Port A has a seven cycle latency, and Port B has a six
cycle latency, but data is available at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com