Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3404 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3404
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404 Datasheet(HTML) 4 Page - Linear Technology

  LTC3404 Datasheet HTML 1Page - Linear Technology LTC3404 Datasheet HTML 2Page - Linear Technology LTC3404 Datasheet HTML 3Page - Linear Technology LTC3404 Datasheet HTML 4Page - Linear Technology LTC3404 Datasheet HTML 5Page - Linear Technology LTC3404 Datasheet HTML 6Page - Linear Technology LTC3404 Datasheet HTML 7Page - Linear Technology LTC3404 Datasheet HTML 8Page - Linear Technology LTC3404 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC3404
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency
vs Temperature
Efficiency vs Output Current
TEMPERATURE (
°C)
–50
0.814
0.809
0.804
0.799
0.794
0.789
0.784
25
75
3404 G05
–25
0
50
100
125
VIN = 3.6V
Oscillator Frequency
vs Supply Voltage
INPUT VOLTAGE (V)
1
0
0.5
0.6
0.7
5678
3404 G09
0.4
0.3
0
0.1
2
3
4
0.2
0.9
0.8
SYNCHRONOUS
SWITCH
MAIN
SWITCH
Reference Voltage
vs Temperature
Output Voltage vs Load Current
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
DC Supply Current
vs Input Voltage
TEMPERATURE (
°C)
–50
–25
0.3
0.4
0.6
0.7
0.8
75
100
1.2
3404 G10
0.5
0
25
50
125
0.9
1.0
1.1
VIN = 3V
VIN = 5V
SYNCHRONOUS SWITCH
MAIN SWITCH
OUTPUT CURRENT (mA)
75
85
95
70
80
90
0.1
10
100
1000
3404 G04
65
1
VIN = 3V
VIN = 6V
VOUT = 1.8V
L = 4.7
µH
VIN = 4.2V
VIN = 3.6V
OUTPUT CURRENT (mA)
80
75
85
90
95
100
0.1
10
100
1000
3404 G4a
70
65
1
VIN = 6V
VIN = 3.6V
VOUT = 3.1V
L = 4.7
µH
VIN = 4.2V
Efficiency vs Output Current
TEMPERATURE (
°C)
–50
1.55
1.50
1.45
1.40
1.35
1.30
1.25
100
75
3404 G06
–25
0
50
25
125
VIN = 3.6V
SUPPLY VOLTAGE (V)
1.25
1.35
1.30
8
3404 G07
2
4
6
1.55
1.50
1.45
1.40
LOAD CURRENT (mA)
0
1.75
1.76
1.77
1.78
1.80
1.81
1.82
200
400
3404 G08
1.79
600
800
1.83
PULSE SKIPPING MODE
VIN = 3.6V
L = 4.7
µF
INPUT VOLTAGE (V)
0
200
500
2
4
5
3404 G11
100
400
300
250
150
50
450
350
3
6
78
VOUT = 1.8V
PULSE SKIPPING
MODE
Burst Mode
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com