Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3413 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology LTC3413 Datasheet HTML 15Page - Linear Technology LTC3413 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3413
sn3413 3413fs
TYPICAL APPLICATIO
1.25V,
±3A DDR Memory Termination Supply at 1MHz
RPG
100k
RITH
5.11k
ROSC
309k
*VISHAY DALE IHLP-2525CZ-01 0.47
µH
**TDK C4532X5R0J107M
RSS
4.7M
CSS
330pF X7R
CITH
2200pF
X7R
CC
100pF
PGOOD
2.5V
SVIN
PGOOD
ITH
VFB
RT
VREF
RUN/SS
SGND
PVIN
SW
SWVFB
PGND
PGND
SW
SW
PVIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC3413
L1*
0.47
µH
CIN1**
100
µF
CIN2**
100
µF
COUT**
100
µF
×2
GND
3413 TA01
VOUT
1.25V
±3A
VIN
3.3V
LOAD CURRENT (A)
0.01
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
3413 TA01b
Efficiency vs Load Current,
VIN = 3.3V, VOUT = 1.25V, f = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com