Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3416 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3416
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3416 Datasheet(HTML) 3 Page - Linear Technology

  LTC3416 Datasheet HTML 1Page - Linear Technology LTC3416 Datasheet HTML 2Page - Linear Technology LTC3416 Datasheet HTML 3Page - Linear Technology LTC3416 Datasheet HTML 4Page - Linear Technology LTC3416 Datasheet HTML 5Page - Linear Technology LTC3416 Datasheet HTML 6Page - Linear Technology LTC3416 Datasheet HTML 7Page - Linear Technology LTC3416 Datasheet HTML 8Page - Linear Technology LTC3416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3416
3
3416f
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows:
LTC3416E: TJ = TA + (PD)(38°C/W)
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Switch On-Resistance
vs Input Voltage
TEMPERATURE (
°C)
–40
0.795
0.796
0.798
0.799
0.800
0
40
60
140
3416 G01
0.797
–20
20
80 100 120
INPUT VOLTAGE (V)
2.25 2.75 3.25
3.75
4.25 4.75
5.25
5.75
90
80
70
60
50
40
30
20
10
0
3416 G02
PFET
NFET
TA = 25°C
TEMPERATURE (
°C)
–40
120
100
80
60
40
20
0
–25
3416 G03
–10 520 35 50 65 80 95 110 125
PFET
NFET
VREF vs Temperature, VIN = 3.3V
Switch On-Resistance
vs Temperature, VIN = 3.3V
Switch Leakage vs Input Voltage
INPUT VOLTAGE (V)
2.25
20
18
16
14
12
10
8
6
4
2
0
3.25
4.25
4.75
3416 G04
2.75
3.75
5.25
PFET
NFET
TA = 25°C
Frequency vs ROSC
ROSC (k)
25
7000
6000
5000
4000
3000
2000
1000
0
3416 G05
225
925
825
725
625
525
125
325 425
VIN = 3.3V
TA = 25°C
Frequency vs Input Voltage
INPUT VOLTAGE (V)
2.25
3.25
4.25
4.75
2.75
3.75
5.25
1040
1020
1000
980
960
940
920
900
3416 G06
ROSC = 294k
TA = 25°C
Note 6: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com