Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1471 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1471
Description  High Power, N or SMK Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1471 Datasheet(HTML) 1 Page - API Technologies Corp

  1471 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
129
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
CONSTRUCTION: Aluminum alloy body, stainless steel
connectors; gold plated beryllium copper contacts.
WEIGHT: 500 (17.6 oz.) maximum
PHYSICAL DIMENSIONS:
Features
o Precision Connectors with high temperature
support beads.
o Designed to meet environmental requirements of
MIL-DTL-3933.
o 10 Kilowatts peak, Conduction Cooled
o Wireless Applications - Optimized for use in the
communications bands.
Specifications
NOMINAL IMPEDANCE:
50
Ω
FREQUENCY RANGE:
dc to 6.0 GHz
Model 1471
dc to 6.0 GHz
High Power, N or SMK Connectors
250 Watts
Conduction Cooled
Frequency (GHz)
SWR
dc - 6
1.20
MAXIMUM SWR:
RoHS
3rd ORDER INTERMODULATION (1471-X-LIM ONLY):
Reflected Levels (IM3), -100 dBc with two input signals @
869 MHz and 891 MHz with average carrier power levels of
+43 dBm each.
POWER RATING: 250 watts average, 10 kilowatt peak (5
μsec pulse width; 1.25% duty cycle) with case temperature
held within 100 °C maximum with appropriate conductive
heat sink.
TEMPERATURE RANGE: -55°C to 100°C
TEST DATA: Swept data plots of SWR from 50 MHz to
6 GHz is available at additional cost.
CONNECTORS: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female connector (-3).
SMK (2.92mm) connector mates nondestructively with SMA
per MIL-C-39012, 3.5mm and other 2.92mm (SMK) connec-
tor. Choice of male (-2) or female connector (-1).
MODEL NUMBER DESCRIPTION:
Example:
1471 - X - LIM
Basic
Model
Number
Connector Options
1st digit is input side
2nd digit is output side
IM Option*
NOTE: All dimensions are given in mm (inches) and are
nominal unless otherwise specified.
Model #
DIM A
Connector Type
1471-1
12.7 (0.50)
2.92mm female
1471-2
14.0 (0.55)
2.92mm male
1471-3
15.0 (0.59)
N female
1471-4
22.9 (0.90)
N male
* Add -LIM to entire model number for Low Intermodulation option.


Similar Part No. - 1471

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1471 ETC2-1471 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1471 KEYSTONE-1471 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
Heyco.
14710 HEYCO-14710 Datasheet
126Kb / 1P
Heyco®-Tite Brass Lazy Bend Liquid Tight Cordgrips
14711 HEYCO-14711 Datasheet
126Kb / 1P
Heyco®-Tite Brass Lazy Bend Liquid Tight Cordgrips
14712 HEYCO-14712 Datasheet
126Kb / 1P
Heyco®-Tite Brass Lazy Bend Liquid Tight Cordgrips
More results

Similar Description - 1471

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
223 ETC2-223 Datasheet
133Kb / 1P
SMK MALE TO SMK MALE STRAIGHT ADAPTER
logo
API Technologies Corp
1427 APITECH-1427 Datasheet
464Kb / 1P
Medium Power, N or SMK Connectors
1432 APITECH-1432 Datasheet
466Kb / 1P
High Power, N or SMK Connectors
1441 APITECH-1441 Datasheet
536Kb / 1P
Medium Power, N or SMK Connectors
1470 APITECH-1470 Datasheet
511Kb / 1P
High Power, N or SMK Connectors
1473 APITECH-1473 Datasheet
522Kb / 1P
High Power, N or SMK Connectors
1474 APITECH-1474 Datasheet
494Kb / 1P
SMK Connectors
1476 APITECH-1476 Datasheet
438Kb / 1P
Medium Power, N or SMK Connectors
1477 APITECH-1477 Datasheet
504Kb / 1P
SMK Connectors
1478 APITECH-1478 Datasheet
502Kb / 1P
SMK Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com