Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4104ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4104ESA
Description  740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4104ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4104ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4104ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
740MHz, Low-Noise, Low-Distortion
Op Amps in SOT23-5
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VCM = 0, RL = 100kΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)................................................+12V
Voltage on Any Pin to Ground..........(VEE - 0.3V) to (VCC + 0.3V)
Short-Circuit Duration (VOUT to GND)........................Continuous
Continuous Power Dissipation (TA = +70°C)
5-pin SOT23 (derate 7.1mW/°C above +70°C)...........571mW
8-pin SO (derate 5.9mW/°C above +70°C).................471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOUT = 0
RL = short to ground
Guaranteed by PSRR test
RL = 30Ω
RL = 100kΩ
VCC = 3.5V to 5.5V
-2.8V
≤ VCM ≤ 4.1V
-2.8V
≤ V
OUT ≤ 2.8V, RL = 100Ω
VOUT = 0
Guaranteed by CMRR test
Either input
-0.8V
≤ VIN ≤ 0.8V
VEE = -3.5V to -5.5V
CONDITIONS
Ω
9
ZOUT
Open-Loop Output Impedance
mA
80
ISC
Short-Circuit Output Current
mA
±53
±70
IOUT
Output Current Drive
±3.0 -3.5 to +3.4
V
±3.5 -3.7 to +3.8
VOUT
Output Voltage Swing
dB
55
65
AVOL
Open-Loop Gain
mA
20
27
IS
Quiescent Supply Current
dB
55
65
PSRR-
Negative Power-Supply
Rejection Ratio
mV
1
6
VOS
V
±3.5
±5
±5.5
VCC/VEE
Operating Supply Voltage
Range
dB
75
85
PSSR+
Positive Power-Supply Rejection
Ratio
dB
80
95
CMRR
Common-Mode Rejection Ratio
V
-2.8
+4.1
VCM
Input Common-Mode Voltage
Range
M
Ω
1.5
RIN
Common-Mode Input
Resistance
1
8
µV/°C
TCVOS
Input Offset-Voltage Drift
µA
32
70
IB
k
Ω
6
RIN
Differential Input Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Input Offset Voltage
Input Bias Current
MAX4_0_EUK
2.5
MAX4_0_ESA
Input Offset Current
µA
0.5
5.0
IOS
RL = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com