Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73841 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73841
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73841 Datasheet(HTML) 3 Page - Microchip Technology

  MCP73841 Datasheet HTML 1Page - Microchip Technology MCP73841 Datasheet HTML 2Page - Microchip Technology MCP73841 Datasheet HTML 3Page - Microchip Technology MCP73841 Datasheet HTML 4Page - Microchip Technology MCP73841 Datasheet HTML 5Page - Microchip Technology MCP73841 Datasheet HTML 6Page - Microchip Technology MCP73841 Datasheet HTML 7Page - Microchip Technology MCP73841 Datasheet HTML 8Page - Microchip Technology MCP73841 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2004 Microchip Technology Inc.
DS21823B-page 3
MCP73841/2/3/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................13.5V
All inputs and outputs w.r.t. VSS ................ -0.3 to (VDD+0.3)V
Current at DRV Pin ......................................................±4 mA
Current at STAT1 Pin .................................................±30 mA
Maximum Junction Temperature, TJ ............................. 150°C
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins:
Human Body Model (1.5 k
Ω in Series with 100 pF).......≥ 2kV
Machine Model (200 pF, No Series Resistance) .............200V
*Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(Typ)+0.3V] to 12V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG(Typ) + 1V].
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Input
Supply Voltage
VDD
MCP73841, MCP73843
4.5
–
12
V
MCP73842, MCP73844
8.7
–
12
V
Supply Current
ISS
–
–
0.25
0.75
4
4
µA
mA
Disabled
Operating
VDD =VREG(Typ)+1V
UVLO Start Threshold
VSTART
MCP73841, MCP73843
4.25
4.45
4.60
V
VDD Low-to-High
MCP73842, MCP73844
8.45
8.65
8.90
V
VDD Low-to-High
UVLO Stop Threshold
VSTOP
MCP73841, MCP73843
4.20
4.40
4.55
V
VDD High-to-Low
MCP73842, MCP73844
8.40
8.60
8.85
V
VDD High-to-Low
Voltage Regulation (Constant-Voltage Mode)
Regulated Output Voltage
VREG
MCP73841-4.1,
MCP73843-4.1
4.079
4.1
4.121
V
VDD = [VREG(Typ)+1V], IOUT = 10 mA,
TA = -5°C to +55°C
MCP73841-4.2,
MCP73843-4.2
4.179
4.2
4.221
V
VDD = [VREG(Typ)+1V], IOUT = 10 mA,
TA = -5°C to +55°C
MCP73842-8.2,
MCP73844-8.2
8.159
8.2
8.241
V
VDD = [VREG(Typ)+1V], IOUT = 10 mA,
TA = -5°C to +55°C
MCP73842-8.4,
MCP73844-8.4
8.358
8.4
8.442
V
VDD = [VREG(Typ)+1V], IOUT = 10 mA,
TA = -5°C to +55°C
Line Regulation
|(∆VBAT/
VBAT)|/∆VDD
–
0.025
0.25
%/V
VDD = [VREG(Typ)+1V] to 12V,
IOUT = 10 mA
Load Regulation
|∆VBAT|/VBAT
–
0.01
0.25
%
IOUT = 10 mA to 150 mA,
VDD = [VREG(Typ)+1V]
Supply Ripple Attenuation
PSRR
–
-58
–
dB
IOUT = 10 mA, 100 Hz
–-42
–
dB
IOUT = 10 mA, 1 kHz
–-30
–
dB
IOUT = 10 mA, 10 kHz
Output Reverse Leakage
Current
IDISCHARGE
–0.4
1
µA
VDD Floating, VBAT = VREG(Typ)
Current Regulation (Fast Charge Constant-Current Mode)
Fast Charge Current
Regulation Threshold
VFCS
100
110
120
mV
VDD – VSENSE,
TA = -5°C to +55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com