Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS1003SH Datasheet(PDF) 17 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 17 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
17/41
4. Pin functions
4.1 Z/C pin
The Z/C pin detects the NC coil voltage and outputs a turn-on signal. The pin has the following functions:
1) Gate on-trigger
2) Prevention of false turn-on (Tondead)
3) Trough skip
4.2 F/B pin
The F/B pin determines the ON range during constant voltage control. The pin has the following functions:
1) Determination of ON range for the F/B pin voltage (gate off-trigger)
2) Timer latch protection during no control or drooping
4.3 GND pin
The GND pin is used as the ground reference of the IC.
4.4 OCL pin
The OCL pin uses a detection resistor to limit the primary current. The pin has the following functions:
1) Determination of the maximum primary current peak (pulse-by-pulse)
2) Determination of the primary current peak during the four-step soft start
3) Determination of the primary current peak during the AutoStby
4) Leading edge blank function
4.5 VG pin
The VG pin outputs a gate voltage and has the following functions:
1) Output of gate signal
2) Soft drive
4.6 Vcc pin
The Vcc pin is the IC power terminal and has the following functions:
1) UVLO
2) OVP latch
3) Vcc assist
4) ON/OFF of the startup circuit
5) Unlatching
6) Vcc-GND short circuit protection
7) Indirect control in super standby mode
4.7 Vin pin
The Vin pin is connected to the positive side of the input capacitor and is used to power on the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com