Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST60-48MF Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # ST60-48MF
Description  Power Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST60-48MF Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST60-48MF_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST60-48MF_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST60-48MF_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST60-48MF_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
On glass-epoxy substrate : t=1mm
Soldering land : 11×11mm
Cu layar :35μm
Tl-sensing point
過渡熱抵抗
Transient Thermal Resistance
10
100
0.001
0.01
1
0.1
Time t〔s〕
θj
θjll
θjl
θja
θja
θja
10-4 10-3
10-2
10-1
100
102
103
101
40
50
45
60
55
70
65
せん頭サージ逆電流−クランピング電圧
IRSM vs VCL
0.1
1
100
10
0.01
0.001
Clamping Voltage VCL〔V〕
Tl=25℃
10/1000μs
TYP
0
25
50
75
100
125
150
VBR-Tj特性
Breakdown Voltage vs Junction Temperature
55
50
60
45
40
Junction Temperature Tj〔℃〕
TYP
Pulse test
IB=1mA
せん頭サージ逆電流耐量
Peak Surge Reverse Current
10
1
0.1
0.05
10
100
TYP
exponential wave
1000
Pulse Width tp〔ms〕
IRSM
IRSM/2
tp
0
0
25
75
50
100
125
150
IR-Tj特性
Reverse Current vs Junction Temperature
1
100
1000
5000
10
TYP
Pulse test
VR=40V
Junction Temperature Tj〔℃〕



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com