Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFAM3620 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # RFAM3620
Description  CATV Edge QAM MCM 1218MHz 36dB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFAM3620 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button RFAM3620 Datasheet HTML 2Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 3Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 4Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 5Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 6Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 7Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 8Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 9Page - TriQuint Semiconductor RFAM3620 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
RFAM3620
Data Sheet Rev.F, June 7, 2017 | Subject to change without notice
9 of 10
www.qorvo.com
®
PCB Metal Land Pattern (Dimensions in millimeters)
RECOMMENDED LAND PATTERN
RECOMMENDED LAND PATTERN MASK
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 2 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. We recommend a 0.35mm
(#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25mm (0.10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
5. Place mounting screws near the part to fasten a back side heat sink.
6. Do not apply solder mask to the back side of the PC board in the heat sink contact region.
7. Ensure that the backside via region makes good physical contact with the heat sink.
10.80REF
10.80REF
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
0
2.500
3.500
4.750
DETAIL A
PAD
21x THIS ROTATION
0.600
0.600
0
4.200
4.200
2.500
1.250
3.500
4.750
5.100
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
0
2.500
3.500
4.750
DETAIL A
PAD
21x THIS ROTATION
0.700
0.700
0
4.250
4.250
2.500
1.250
3.500
4.750
5.100
A
10.90REF
10.90REF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com