Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT5551
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5551 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT5551 Datasheet HTML 1Page - ON Semiconductor MMBT5551 Datasheet HTML 2Page - ON Semiconductor MMBT5551 Datasheet HTML 3Page - ON Semiconductor MMBT5551 Datasheet HTML 4Page - ON Semiconductor MMBT5551 Datasheet HTML 5Page - ON Semiconductor MMBT5551 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT5550LT1, MMBT5551LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 3)
(IC = 1.0 mAdc, IB = 0)
MMBT5550
MMBT5551
V(BR)CEO
140
160
−
−
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MMBT5550
MMBT5551
V(BR)CBO
160
180
−
−
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
−
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
MMBT5550
(VCB = 120 Vdc, IE = 0)
MMBT5551
(VCB = 100 Vdc, IE = 0, TA = 100°C)
MMBT5550
(VCB = 120 Vdc, IE = 0, TA = 100°C)
MMBT5551
ICBO
−
−
−
−
100
50
100
50
nAdc
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
−
50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
MMBT5550
MMBT5551
(IC = 10 mAdc, VCE = 5.0 Vdc)
MMBT5550
MMBT5551
(IC = 50 mAdc, VCE = 5.0 Vdc)
MMBT5550
MMBT5551
hFE
60
80
60
80
20
30
−
−
250
250
−
−
−
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
Both Types
(IC = 50 mAdc, IB = 5.0 mAdc)
MMBT5550
MMBT5551
VCE(sat)
−
−
−
0.15
0.25
0.20
Vdc
Base − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
Both Types
(IC = 50 mAdc, IB = 5.0 mAdc)
MMBT5550
MMBT5551
VBE(sat)
−
−
−
1.0
1.2
1.0
Vdc
Collector Emitter Cut−off
(VCB = 10 V)
Both Types
(VCB = 75 V)
ICES
−
−
50
100
nA
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com