Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWZ5VT Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FWZ5VT
Description  Ultra Low Capacitance ESD array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FWZ5VT Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FWZ5VT Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FWZ5VT Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FWZ5VT Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and characteristic curve
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-off Voltage
VRWM
5.5
V
Reverse Breakdown Voltage
VBR
IZ=1mA Pin2 to 3
6.0
9.0
V
Reverse Leakage Current
IR@VR=3V
Pins 1 to 3.
100
nA
Forward Voltage
VF
IF=10mA
0.7
V
Junction Capacitance
C I/O
Pin capacitance to
GND.Vdc=0V,f=1MHZ
1
1.5
pf
Figure 1 I/O port to GND capacitance
0
0.5
1
1.5
2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VR(V) f=1MHZ,T=25°C
Ultra Low Capacitance ESD array
FWZ5VT
E1506F4C-STD-FW-001
Futurewafer Tech Co., Ltd
Electrical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com